| 전자부품 데이터시트 검색엔진 |
|
VIPER28LDTR 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER28LDTR 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 32 page ![]() VIPER28 Operation descriptions Doc ID 15028 Rev 5 19/32 Where: ● VOVP is the OVP threshold (see Table 8 on page 8) ● VOUT OVP is the converter output voltage value to activate the OVP set by designer ● NAUX is the auxiliary winding turns ● NSEC is the secondary winding turns ● VDSEC is the secondary diode forward voltage ● VDAUX is the auxiliary diode forward voltage ● ROVP together RLIM make the output voltage divider Than, fixed RLIM, according to the desired IDlim, the ROVP can be calculating by: Equation 4 The resistor values will be such that the current sourced and sunk by the CONT pin be within the rated capability of the internal clamp. Figure 22. OVP timing diagram R OVP R LIM 1k OVP – k OVP ----------------------- × = t VDS VAUX t t t STROBE t COUNTER RESET t COUNTER STATUS t 0 VCONT T STROBE OVP FAULT 0 0 0 0 →11 →22 →0 0 →11 →22 →3 3 →4 0 E R U L I A F P O O L K C A B D E E F E C N A B R U T S I D Y R A R O P M E T N O I T A R E P O L A M R O N t VDS V OVP t t t STROBE t COUNTER RESET t COUNTER STATUS t 0 OVP FAULT 0 0 0 0 →11 →22 →0 0 →11 →22 →3 3 →4 0 E R U L I A F P O O L K C A B D E E F E C N A B R U T S I D Y R A R O P M E T N O I T A R E P O L A M R O N t Sampling time |