| 전자부품 데이터시트 검색엔진 |
|
STM32F415XX 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F415XX 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 186 page ![]() Pinouts and pin description STM32F415xx, STM32F417xx 48/186 DocID022063 Rev 4 11 E9 18 29 M5 35 PC3 I/O FT (4) SPI2_MOSI / I2S2_SD / OTG_HS_ULPI_NXT / ETH_MII_TX_CLK/ EVENTOUT ADC123_IN13 - - 19 30 G3 36 VDD S 12 H10 20 31 M1 37 VSSA S -- - - N1 - VREF– S - - 21 32 P1 38 VREF+ S 13 G9 22 33 R1 39 VDDA S 14 C10 23 34 N3 40 PA0/WKUP (PA0) I/O FT (5) USART2_CTS/ UART4_TX/ ETH_MII_CRS / TIM2_CH1_ETR/ TIM5_CH1 / TIM8_ETR/ EVENTOUT ADC123_IN0/WKUP(4 ) 15 F8 24 35 N2 41 PA1 I/O FT (4) USART2_RTS / UART4_RX/ ETH_RMII_REF_CLK / ETH_MII_RX_CLK / TIM5_CH2 / TIM2_CH2/ EVENTOUT ADC123_IN1 16 J10 25 36 P2 42 PA2 I/O FT (4) USART2_TX/TIM5_CH3 / TIM9_CH1 / TIM2_CH3 / ETH_MDIO/ EVENTOUT ADC123_IN2 - - - - F4 43 PH2 I/O FT ETH_MII_CRS/EVENTOU T - - - - G4 44 PH3 I/O FT ETH_MII_COL/EVENTOU T -- - - H4 45 PH4 I/O FT I2C2_SCL / OTG_HS_ULPI_NXT/ EVENTOUT - - - - J4 46 PH5 I/O FT I2C2_SDA/ EVENTOUT Table 7. STM32F41x pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |