| 전자부품 데이터시트 검색엔진 |
|
HSP061-4M10 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HSP061-4M10 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 11 page ![]() HSP061-4M10 Package information Doc ID 023716 Rev 2 5/11 3 Package information ● Epoxy meets UL94, V0 ● Lead-free package In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 3. µQFN-10L dimensions Ref Dimensions Millimeters Inches Min Typ Max Min Typ Max A 0.40 0.48 0.50 0.018 0.019 0.020 A1 0.00 0.03 0.05 0.00 0.001 0.002 A2 0.13 0.005 b 0.15 0.20 0.30 0.006 0.008 0.012 b1 0.35 0.40 0.45 0.014 0.016 0.041 D 2.40 2.50 2.60 0.094 0.098 0.102 E 0.9 1.00 1.10 0.035 0.039 0.043 e 0.50 0.206 L 0.30 0.38 0.425 0.012 0.015 0.017 Figure 9. Footprint recommendations (dimensions in mm) Figure 10. Marking A A1 A2 PIN 1 ID L D b1 E b e 1 10 6 5 Seating plane 0.58 0.50 0.40 0.20 2.20 1.40 H 4 M |