전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103x8 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 STM32F103x8
상세설명  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103x8 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button STM32F103x8 Datasheet HTML 26Page - STMicroelectronics STM32F103x8 Datasheet HTML 27Page - STMicroelectronics STM32F103x8 Datasheet HTML 28Page - STMicroelectronics STM32F103x8 Datasheet HTML 29Page - STMicroelectronics STM32F103x8 Datasheet HTML 30Page - STMicroelectronics STM32F103x8 Datasheet HTML 31Page - STMicroelectronics STM32F103x8 Datasheet HTML 32Page - STMicroelectronics STM32F103x8 Datasheet HTML 33Page - STMicroelectronics STM32F103x8 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
Pinouts and pin description
STM32F103x8, STM32F103xB
30/105
Doc ID 13587 Rev 15
H7 M12
-
-
-
46
-
PE15
I/O FT
PE15
TIM1_BKIN
J7
L10
21
G7
29
47
-
PB10
I/O FT
PB10
I2C2_SCL/
USART3_TX(9)
TIM2_CH3
K7 L11
22
H7
30
48
-
PB11
I/O FT
PB11
I2C2_SDA/
USART3_RX(9)
TIM2_CH4
E7 F12
23
D6
31
49
18
VSS_1
SVSS_1
F7 G12 24
E6
32
50
19
VDD_1
SVDD_1
K8 L12
25
H8
33
51
-
PB12
I/O FT
PB12
SPI2_NSS/
I2C2_SMBAl/
USART3_CK(9)/
TIM1_BKIN(9)
J8
K12
26
G8
34
52
-
PB13
I/O FT
PB13
SPI2_SCK/
USART3_CTS(9)/
TIM1_CH1N (9)
H8 K11
27
F8
35
53
-
PB14
I/O FT
PB14
SPI2_MISO/
USART3_RTS(9)
TIM1_CH2N (9)
G8 K10
28
F7
36
54
-
PB15
I/O FT
PB15
SPI2_MOSI/
TIM1_CH3N(9)
K9
K9
-
-
-
55
-
PD8
I/O FT
PD8
USART3_TX
J9
K8
-
-
-
56
-
PD9
I/O FT
PD9
USART3_RX
H9 J12
-
-
-
57
-
PD10
I/O FT
PD10
USART3_CK
G9 J11
-
-
-
58
-
PD11
I/O FT
PD11
USART3_CTS
K10 J10
-
-
-
59
-
PD12
I/O FT
PD12
TIM4_CH1 /
USART3_RTS
J10 H12
-
-
-
60
-
PD13
I/O FT
PD13
TIM4_CH2
H10 H11
-
-
-
61
-
PD14
I/O FT
PD14
TIM4_CH3
G10 H10
-
-
-
62
-
PD15
I/O FT
PD15
TIM4_CH4
F10 E12
-
F6
37
63
-
PC6
I/O FT
PC6
TIM3_CH1
E10 E11
E7
38
64
-
PC7
I/O FT
PC7
TIM3_CH2
F9 E10
E8
39
65
-
PC8
I/O FT
PC8
TIM3_CH3
E9 D12
-
D8
40
66
-
PC9
I/O FT
PC9
TIM3_CH4
Table 5.
Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More