| 전자부품 데이터시트 검색엔진 |
|
VLS2010ET-150M 데이터시트(PDF) 6 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
VLS2010ET-150M 데이터시트(HTML) 6 Page - TDK Electronics |
|
6 / 53 page ![]() (5/52) INDUC T O RS 001-01 / 20130516 / e531_vls.fm • All specifications are subject to change without notice. VLS-E series VLS201610E Type ELECTRICAL CHARACTERISTICS CHARACTERISTICS SPECIFICATION TABLE Rated current: smaller value of either Idc1 or Idc2. Idc1: When based on the inductance change rate (30% below the nominal value) Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating) ○ Measurement equipment * Equivalent measurement equipment may be used. L Measuring frequency (MHz) DC resistance ( ) Rated current(A) Part No. max. typ. (µH) Tolerance max. typ. Idc1 Idc1 Idc2 0.47 ±30% 1.0 0.065 0.054 1.85 2.10 1.95 VLS201610ET-R47N 0.68 ±30% 1.0 0.086 0.072 1.65 1.85 1.65 VLS201610ET-R68N 1.0 ±30% 1.0 0.119 0.099 1.35 1.50 1.40 VLS201610ET-1R0N 1.5 ±30% 1.0 0.181 0.151 1.10 1.20 1.15 VLS201610ET-1R5N 2.2 ±20% 1.0 0.276 0.230 0.94 1.05 0.95 VLS201610ET-2R2M 3.3 ±20% 1.0 0.458 0.382 0.75 0.84 0.73 VLS201610ET-3R3M 4.7 ±20% 1.0 0.554 0.462 0.64 0.72 0.67 VLS201610ET-4R7M 6.8 ±20% 1.0 0.840 0.700 0.53 0.59 0.54 VLS201610ET-6R8M 10 ±20% 1.0 1.380 1.150 0.40 0.45 0.42 VLS201610ET-100M Measurement item Product No. Manufacturer L 4194A Agilent Technologies DC resistance VP-2941A Panasonic Rated current Idc1 4285A+42841A+42842C Agilent Technologies |