전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D6F-P0010AM2 데이터시트(PDF) 3 Page - Omron Electronics LLC

부품명 D6F-P0010AM2
상세설명  A Compact, High-accuracy Flow Sensor with Superior Resistance to Environments.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-P0010AM2 데이터시트(HTML) 3 Page - Omron Electronics LLC

  D6F-P0010AM2 Datasheet HTML 1Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 2Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 3Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 4Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 5Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
D6F-P
MEMS Flow Sensor
Connections/Dimensions (Unit: mm)
■ PCB Terminals
■ Connectors
■ Cable (Optional)
D6F-CABLE2
9.8
2.6 dia.
23.3
11.7
Two, 4.9 dia.
1.2
7.3
13.5
4.76
2.8 dia.
Two, R: 1.4
1.5
6
10
17.2
Two, 1.1 dia.
Label
A
Recommended Dimensions for
Connector Mounting Holes
Label: Gives model and lot numbers.
27.2
1.7
6
16.2
14
7.6±0.2
13.2
7.2
2.54
5.08
Detailed View of A
Connector
XG8V-0344
(manufactured
by OMRON)
2. Vout
1. Vcc
3. GND
5.04
2.54
Two, 3-dia.
through hole
13.5
Three, 1.3-dia. lands
Three, 0.8-dia.
through holes
4.76
7.2
D6F-P0001A1/D6F-P0010A1
2.6 dia.
23.3
11.7
Two, 4.9 dia.
1.2
7.3
13.5
2.8 dia.
Two, R: 1.4
1.5
10
17.2
8.5
A
Two, 1.1 dia.
Label
Detailed View of A
Label: Gives model and lot numbers.
8.5
27.2
1.7
6
14
16.2
7.6±0.2
13.2
1.Vcc
2.Vout
3.GND
D6F-P0010A2
D6F-P0010AM2
0.3±0.1
Lot number label
Two, 0.3
(entire circumference)
Detailed View of A
Grooves to stop rotation
Detailed View of B
Connector Details
3.5 dia.
27.2
22.1
14±0.05
2.7±0.1
0.3±0.1
6.7±0.1 *1
18
22
8
2
6.4 9.6
Two, 4
dia.
0
−0.05
1
+0.1
0
A
B
3. GND
2.Vout
1.Vcc
14±0.05
6.7±0.1
M3 threaded
Two, 7
dia.
+0.5
0
*1. Recommended Installation Dimensions
Note:
Use one of the following connectors from JST
Mfg. Co., Ltd. to connect to the D6F.
1) Pressure welding connector
Socket: 03SR-3S
Wire: AWG#30 or
2) Crimp type connector
Contact: SSH-003T-P0.2
Wire: AWG#32 to #28
Housing: SHR-03V-S
15±3
(5)
180±10
3: GND
2: Vout
White wire
Black wire
Red wire
1: Vcc



Html Pages

1 2 3 4 5 6