전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADE7953ACPZ 데이터시트(PDF) 42 Page - Analog Devices

부품명 ADE7953ACPZ
상세설명  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ 데이터시트(HTML) 42 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 38Page - Analog Devices ADE7953ACPZ Datasheet HTML 39Page - Analog Devices ADE7953ACPZ Datasheet HTML 40Page - Analog Devices ADE7953ACPZ Datasheet HTML 41Page - Analog Devices ADE7953ACPZ Datasheet HTML 42Page - Analog Devices ADE7953ACPZ Datasheet HTML 43Page - Analog Devices ADE7953ACPZ Datasheet HTML 44Page - Analog Devices ADE7953ACPZ Datasheet HTML 45Page - Analog Devices ADE7953ACPZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 42 of 68
The Current Channel B apparent energy no-load interrupt
can be enabled by setting the VA_NOLOADB bit (Bit 8) in the
IRQBENB register (Address 0x22F and Address 0x32F). When
this bit is set, an apparent energy no-load event on Current
Channel B triggers the IRQ alternative output (see the
section).
Current
Channel B Interrupts
Apparent Energy No-Load Status Bits
In addition to the apparent energy no-load interrupt, the ADE7953
includes two unlatched status bits that continually monitor the
no-load status of Current Channel A and Current Channel B.
The VANLOAD_A and VANLOAD_B bits are located in the
ACCMODE register (Address 0x201 and Address 0x301). These
bits differ from the interrupt status bits in that they are unlatched
and can, therefore, be used to drive an LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68