| 전자부품 데이터시트 검색엔진 |
|
MTS2916A-LGC1 데이터시트(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MTS2916A-LGC1 데이터시트(HTML) 4 Page - Microchip Technology |
|
4 / 20 page ![]() MTS2916A DS22259C-page 4 2010-2013 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † Logic Supply Voltage (VLOGIC) ......................... -0.3 to +5.5V Load Supply Voltage (VLOAD) .......................... -0.3 to +40.0V Logic Input Voltage Range (VIN) ....... -0.3 to VLOGIC + 0.3V VREF Voltage Range (VREF) ............................. -0.3 to +10.0V Output Current (Peak) ..................................................... ±1A Output Current (Continuous) ...................................... ±0.75A Sense Output Voltage ...................................... -0.3V to 1.5V Junction Temperature (TJ).............................-40°C to +150°C Operating Temperature Range (TOPR)..........-40°C to +105°C Storage Temperature Range (TSTG) .............-55°C to +150°C † Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS Electrical Specifications: Unless otherwise specified, all limits are established for VLOGIC = 4.5V to 5.5V, VLOAD = 30V, VREF = 5V, TA = +25°C Parameters Sym Min Typ Max Units Conditions DC Characteristics Logic Supply Voltage VLOGIC 4.5 5.0 5.5 V Load Supply Voltage VLOAD 10 30 40 V Logic Supply Current IVLOGIC —0.8 1.0 mA VREF Voltage Range VREF 1.5 5.0 7.0 V Driver Supply Current IVLOAD_ON — 0.55 1.0 mA Both Bridges ON, No Load IVLOAD_OFF — 0.55 1.0 mA Both Bridges OFF Control Logic Input Current (VIN = 0V) IIN — — -70 µA I01, I11 ,I02, I12, PHASE1, PHASE2 (Note 1) Logic-Low Input Voltage VIL — — 0.8 V I01, I11, I02, I12, PHASE1, PHASE2 Logic-High Input Voltage VIH 2.4 — — V I01, I11, I02, I12, PHASE1, PHASE2 Current Limit Threshold Ratio (VREF ÷ VSENSE) VREF_VSENSE 9.5 10 10.5 — I0 = L, I1 = L 13.5 15 16.5 — I0 = H, I1 = L 25.5 30 34.5 — I0 = L, I1 = H Driver Output Saturation Voltage VCE(SAT) VONN (Low Side) — 0.55 0.65 V (Sink) IOUT = +500 mA — 0.90 1.00 V (Sink) IOUT = +750 mA VONP (High Side) — 1.05 1.40 V (Source) IOUT = -500 mA — 1.85 2.10 V (Source) IOUT = -750 mA Clamp Diode Forward Voltage (Note 2) VF_NDIODE — 0.95 1.30 V IF = 750 mA VF_PDIODE — 1.00 1.30 V IF = 750 mA Driver Output Leakage Current ILEAK —— -50 µA VOUT = 0V —— 50 µA VOUT = VLOAD Thermal Shutdown Temperature TJ_SHDN —170 — °C AC Characteristics Cut-off Time (one-shot pulse) TOFF —50 58 µs RS =1, RC =1k, CC =820 pF, Rt =56k, Ct =820 pF Turn-off Delay TD —1.5 10 µs Note 1: VIN = 5.0V input current given by internal pull-up to Logic Supply. 2: Clamp/Freewheel diode is the intrinsic body-drain diode of the NMOS and PMOS transistors. |