| 전자부품 데이터시트 검색엔진 |
|
PIC16C57C 데이터시트(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C57C 데이터시트(HTML) 2 Page - Microchip Technology |
|
2 / 192 page ![]() PIC16C5X DS30453E-page 2 Preliminary 1997-2013 Microchip Technology Inc. Pin Diagrams Device Differences Note 1: If you change from this device to another device, please verify oscillator characteristics in your application. Device Voltage Range Oscillator Selection (Program) Oscillator Process Technology (Microns) ROM Equivalent MCLR Filter PIC16C54 2.5-6.25 Factory See Note 1 1.2 PIC16CR54A No PIC16C54A 2.0-6.25 User See Note 1 0.9 — No PIC16C54C 2.5-5.5 User See Note 1 0.7 PIC16CR54C Yes PIC16C55 2.5-6.25 Factory See Note 1 1.7 — No PIC16C55A 2.5-5.5 User See Note 1 0.7 — Yes PIC16C56 2.5-6.25 Factory See Note 1 1.7 — No PIC16C56A 2.5-5.5 User See Note 1 0.7 PIC16CR56A Yes PIC16C57 2.5-6.25 Factory See Note 1 1.2 — No PIC16C57C 2.5-5.5 User See Note 1 0.7 PIC16CR57C Yes PIC16C58B 2.5-5.5 User See Note 1 0.7 PIC16CR58B Yes PIC16CR54A 2.5-6.25 Factory See Note 1 1.2 N/A Yes PIC16CR54C 2.5-5.5 Factory See Note 1 0.7 N/A Yes PIC16CR56A 2.5-5.5 Factory See Note 1 0.7 N/A Yes PIC16CR57C 2.5-5.5 Factory See Note 1 0.7 N/A Yes PIC16CR58B 2.5-5.5 Factory See Note 1 0.7 N/A Yes PDIP, SOIC, Windowed CERDIP RA1 RA0 OSC1/CLKIN OSC2/CLKOUT VDD VDD RB7 RB6 RB5 RB4 RA2 RA3 T0CKI MCLR/VPP VSS VSS RB0 RB1 RB2 RB3 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 SSOP RA2 RA3 T0CKI MCLR/VPP VSS RB0 RB1 RB2 RB3 1 2 3 4 5 6 7 8 9 10 18 17 16 15 14 13 12 11 RA1 RA0 OSC1/CLKIN OSC2/CLKOUT VDD RB7 RB6 RB5 RB4 28 27 26 25 24 23 22 21 20 19 18 17 16 15 •1 2 3 4 5 6 7 8 9 10 11 12 13 14 PDIP, SOIC, Windowed CERDIP MCLR/VPP OSC1/CLKIN OSC2/CLKOUT RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 RB7 RB6 RB5 T0CKI VDD VSS RA0 RA1 RA2 RA3 RB0 RB1 RB2 RB3 RB4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 SSOP VDD VSS T0CKI VDD N/C VSS N/C RA0 RA1 RA2 RA3 RB0 RB1 RB2 RB3 RB4 MCLR/VPP OSC1/CLKIN OSC2/CLKOUT RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 RB7 RB6 RB5 Note: The table shown above shows the generic names of the PIC16C5X devices. For device varieties, please refer to Section 2.0. |