전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCMXO2-256ZE-3SG32C 데이터시트(PDF) 25 Page - Lattice Semiconductor

부품명 LCMXO2-256ZE-3SG32C
상세설명  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-3SG32C 데이터시트(HTML) 25 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-3SG32C Datasheet HTML 21Page - Lattice Semiconductor LCMXO2-256ZE-3SG32C Datasheet HTML 22Page - Lattice Semiconductor LCMXO2-256ZE-3SG32C Datasheet HTML 23Page - Lattice Semiconductor LCMXO2-256ZE-3SG32C Datasheet HTML 24Page - Lattice Semiconductor LCMXO2-256ZE-3SG32C Datasheet HTML 25Page - Lattice Semiconductor LCMXO2-256ZE-3SG32C Datasheet HTML 26Page - Lattice Semiconductor LCMXO2-256ZE-3SG32C Datasheet HTML 27Page - Lattice Semiconductor LCMXO2-256ZE-3SG32C Datasheet HTML 28Page - Lattice Semiconductor LCMXO2-256ZE-3SG32C Datasheet HTML 29Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
2-21
Architecture
MachXO2 Family Data Sheet
Figure 2-17. Output Gearbox
More information on the output gearbox is available in TN1203, Implementing High-Speed Interfaces with
MachXO2 Devices.
DDR Memory Support
Certain PICs on the right edge of MachXO2-640U, MachXO2-1200/U and larger devices, have additional circuitry
to allow the implementation of DDR memory interfaces. There are two groups of 14 or 12 PIOs each on the right
edge with additional circuitry to implement DDR memory interfaces. This capability allows the implementation of up
to 16-bit wide memory interfaces. One PIO from each group contains a control element, the DQS Read/Write
D4
D0
D3
D1
S1
T1
S0
QC
ODDRx2_A
ODDRx2_C
ODDRx2_C
ECLK0/1
Q45
Q67
S4
S6
D Q
D Q
T4
T6
D6
D Q
D Q
CE
D Q
CE
0
1
0
1
Q01
Q23
S0
S2
T0
T2
Q32
Q10
S5
S3
D
Q
T5
T3
CE
0
1
D Q
Q76
Q54
S7
D
Q
T7
D Q
D Q
D Q
CE
0
1
S2
S4
GND
S7
S6
S5
S3
D2
D7
D5
SCLK
0
1
0
1
0
1
1
0
1
Q34
Q56
Q67
GND
Q45
S1
Q12
SEL /0
UPDATE
Q23
Q/QA
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
0
1
0
1
0
1
0
1
0
1
0
CE
CE
D Q
CE
D Q
CE
0
1
0
1
CDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More