| 전자부품 데이터시트 검색엔진 |
|
LCMXO2-256ZE-2MG132C 데이터시트(PDF) 3 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LCMXO2-256ZE-2MG132C 데이터시트(HTML) 3 Page - Lattice Semiconductor |
|
3 / 106 page ![]() 1-2 Introduction MachXO2 Family Data Sheet Table 1-1. MachXO2™ Family Selection Guide Introduction The MachXO2 family of ultra low power, instant-on, non-volatile PLDs has six devices with densities ranging from 256 to 6864 Look-Up Tables (LUTs). In addition to LUT-based, low-cost programmable logic these devices feature Embedded Block RAM (EBR), Distributed RAM, User Flash Memory (UFM), Phase Locked Loops (PLLs), pre- engineered source synchronous I/O support, advanced configuration support including dual-boot capability and hardened versions of commonly used functions such as SPI controller, I 2C controller and timer/counter. These fea- tures allow these devices to be used in low cost, high volume consumer and system applications. The MachXO2 devices are designed on a 65nm non-volatile low power process. The device architecture has sev- eral features such as programmable low swing differential I/Os and the ability to turn off I/O banks, on-chip PLLs XO2-256 XO2-640 XO2-640U 1 XO2-1200 XO2-1200U 1 XO2-2000 XO2-2000U 1 XO2-4000 XO2-7000 LUTs 256 640 640 12801280 2112 2112 4320 6864 Distributed RAM (Kbits) 25 5 10 10 16 16 34 54 EBR SRAM (Kbits) 018 64 64 74 74 92 92 240 Number of EBR SRAM Blocks (9 Kbits/block) Device Options 02 7 7 88 10 10 26 UFM (Kbits) 0 24 64 64 80 80 96 96 256 Number of PLLs Packages I/Os 0 HC 2 HE 3 ZE 4 01 1 1 1 2 2 2 Hardened Functions: I2C SPI Timer/Counter 2 1 1 2 1 1 2 1 1 2 1 1 2 1 1 2 1 1 2 1 1 2 1 1 2 1 1 25 WLCSP 5 (2.5 x 2.5mm, 0.4mm) 32 QFN 6 (5 x 5mm, 0.5mm) 18 64 ucBGA (4 x 4mm, 0.4mm) 44 21 100 TQFP (14 x 14mm) 132 csBGA (8 x 8mm, 0.5mm) 144 TQFP (20 x 20mm) 256 caBGA (14 x 14mm, 0.8mm) 256 ftBGA (17 x 17mm, 1.0mm) 332 caBGA (17 x 17mm, 0.8mm) 484 fpBGA (23 x 23mm, 1.0mm) 1. Ultra high I/O device. 2. High performance with regulator – VCC = 2.5V, 3.3V 3. High performance without regulator – VCC = 1.2V 4. Low power without regulator – VCC = 1.2V 5. WLCSP package only available for ZE devices. 6. QFN package only available for HC and ZE devices. 7. 184 csBGA package only available for HE devices. 278 278 334 274 278 206 206 206 206 206 206 206 107 107 111 114 114 55 79 104 104 104 55 78 79 79 184 csBGA7 (8 x 8mm, 0.5mm) 150 |