| 전자부품 데이터시트 검색엔진 |
|
PIC24FV32KA302-I/SP 데이터시트(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA302-I/SP 데이터시트(HTML) 21 Page - Microchip Technology |
|
21 / 364 page ![]() RC0 — — — 25 27 — — — 25 27 I/O ST PORTC Pins RC1 — — — 26 28 — — — 26 28 I/O ST RC2 — — — 27 29 — — — 27 29 I/O ST RC3 — — — 36 39 — — — 36 39 I/O ST RC4 — — — 37 40 — — — 37 40 I/O ST RC5 — — — 38 41 — — — 38 41 I/O ST RC6 — — — 2 2 — — — 2 2 I/O ST RC7 — — — 3 3 — — — 3 3 I/O ST RC8 — — — 4 4 — — — 4 4 I/O ST RC9 — — — 5 5 — — — 5 5 I/O ST REFO 18 26 23 15 16 18 26 23 15 16 O — Reference Clock Output RTCC 17 25 22 14 15 17 25 22 14 15 O — Real-Time Clock/Calendar Output SCK1 15 22 19 9 10 15 22 19 9 10 I/O ST SPI1 Serial Input/Output Clock SCK2 2 14 11 38 41 2 14 11 38 41 I/O ST SPI2 Serial Input/Output Clock SCL1 12 17 14 44 48 12 17 14 44 48 I/O I2C I2C1 Clock Input/Output SCL2 18 7 4 24 26 18 7 4 24 26 I/O I2C I2C2 Clock Input/Output SCLKI 10 12 9 34 37 10 12 9 34 37 I ST Digital Secondary Clock Input SDA1 13 18 15 1 1 13 18 15 1 1 I/O I2C I2C1 Data Input/Output SDA2 6 6 3 23 25 6 6 3 23 25 I/O I2C I2C2 Data Input/Output SDI1 17 21 18 8 9 17 21 18 8 9 I ST SPI1 Serial Data Input SDI2 4 19 16 36 39 4 19 16 36 39 I ST SPI2 Serial Data Input SDO1 16 24 21 11 12 16 24 21 11 12 O — SPI1 Serial Data Output SDO2 3 15123740 3 151237 40 O — SPI2 Serial Data Output SOSCI 9 11 8 33 36 9 11 8 33 36 I ANA Secondary Oscillator Input SOSCO 10 12 9 34 37 10 12 9 34 37 O ANA Secondary Oscillator Output SS1 18 26 23 15 16 18 26 23 15 16 O — SPI1 Slave Select SS2 15 23 20 35 38 15 23 20 35 38 O — SPI2 Slave Select TABLE 1-3: PIC24FV32KA304 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function FFV I/O Buffer Description Pin Number Pin Number 20-Pin PDIP/ SSOP/ SOIC 28-Pin SPDIP/ SSOP/ SOIC 28-Pin QFN 44-Pin QFN/ TQFP 48-Pin UQFN 20-Pin PDIP/ SSOP/ SOIC 28-Pin SPDIP/ SSOP/ SOIC 28-Pin QFN 44-Pin QFN/ TQFP 48-Pin UQFN |