전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2140 데이터시트(PDF) 34 Page - Microchip Technology

부품명 MCP2140
상세설명  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 데이터시트(HTML) 34 Page - Microchip Technology

Back Button MCP2140_13 Datasheet HTML 30Page - Microchip Technology MCP2140_13 Datasheet HTML 31Page - Microchip Technology MCP2140_13 Datasheet HTML 32Page - Microchip Technology MCP2140_13 Datasheet HTML 33Page - Microchip Technology MCP2140_13 Datasheet HTML 34Page - Microchip Technology MCP2140_13 Datasheet HTML 35Page - Microchip Technology MCP2140_13 Datasheet HTML 36Page - Microchip Technology MCP2140_13 Datasheet HTML 37Page - Microchip Technology MCP2140_13 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
MCP2140
DS21790B-page 34
Preliminary
 2003-2012 Microchip Technology Inc.
FIGURE 4-7:
UART ASYNCHRONOUS RECEIVE TIMING
TABLE 4-7:
UART ASYNCHRONOUS RECEIVE REQUIREMENTS
AC Specifications
Electrical Characteristics:
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +85×C (industrial)
Operating Voltage VDD range is described in Section 4.1
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR110
TRXBIT Receive Baud Rate
768
—
768
TOSC BAUD2:BAUD0 = 00
IR111
ERXBIT Receive (RXPD and RXPDREF pin
detection) Baud rate Error (into MCP2140)
—
—
±1
%
IR112
ERXBIT Receive (RX pin) Baud rate Error (out of
MCP2140) (1)
—
—
±1
%
IR113
TTXRF RX pin rise time and fall time
—
—
25
ns
Note 1: This error is not additive to the IR111 parameter.
Note:
Refer to Figure 4-2 for load conditions.
IR113
RX pin
IR113
IR110
IR110
IR110
Start Bit
Data Bit
Data Bit
Data Bit
IR110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com