전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP14700 데이터시트(PDF) 7 Page - Microchip Technology

부품명 MCP14700
상세설명  Dual Input Synchronous MOSFET Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14700 데이터시트(HTML) 7 Page - Microchip Technology

Back Button MCP14700_13 Datasheet HTML 3Page - Microchip Technology MCP14700_13 Datasheet HTML 4Page - Microchip Technology MCP14700_13 Datasheet HTML 5Page - Microchip Technology MCP14700_13 Datasheet HTML 6Page - Microchip Technology MCP14700_13 Datasheet HTML 7Page - Microchip Technology MCP14700_13 Datasheet HTML 8Page - Microchip Technology MCP14700_13 Datasheet HTML 9Page - Microchip Technology MCP14700_13 Datasheet HTML 10Page - Microchip Technology MCP14700_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2009-2013 Microchip Technology Inc.
DS22201B-page 7
MCP14700
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C with VCC =5.0V.
FIGURE 2-1:
Rise Time vs. Capacitive
Load.
FIGURE 2-2:
HIGHDR Rise and Fall Time
vs. Temperature.
FIGURE 2-3:
HIGHDR Propagation Delay
vs. Temperature.
FIGURE 2-4:
Fall Time vs. Capacitive
Load.
FIGURE 2-5:
LOWDR Rise and Fall Time
vs. Temperature.
FIGURE 2-6:
LOWDR Propagation Delay
vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
5
10
15
20
25
0
1500
3000
4500
6000
7500
Capacitive Load (pF)
tRL
tRH
6
7
8
9
10
11
12
13
14
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
tRH
tFH
CLOAD = 3,300 pF
20
22
24
26
28
30
32
34
36
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
tPDLH
tPDHH
CLOAD = 3,300 pF
0
2
4
6
8
10
12
14
16
0
1500
3000
4500
6000
7500
Capacitive Load (pF)
tFL
tFH
5
6
7
8
9
10
11
12
13
14
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
tRL
tFL
CLOAD = 3,300 pF
10
12
14
16
18
20
22
24
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
tPDHL
tPDLL
CLOAD = 3,300 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com