전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74 데이터시트(PDF) 11 Page - Microchip Technology

부품명 TC74
상세설명  Tiny Serial Digital Thermal Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 데이터시트(HTML) 11 Page - Microchip Technology

Back Button TC74_13 Datasheet HTML 7Page - Microchip Technology TC74_13 Datasheet HTML 8Page - Microchip Technology TC74_13 Datasheet HTML 9Page - Microchip Technology TC74_13 Datasheet HTML 10Page - Microchip Technology TC74_13 Datasheet HTML 11Page - Microchip Technology TC74_13 Datasheet HTML 12Page - Microchip Technology TC74_13 Datasheet HTML 13Page - Microchip Technology TC74_13 Datasheet HTML 14Page - Microchip Technology TC74_13 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21462D-page 11
TC74
5.3
Package Dimensions
SOT-23A-5
.122 (3.10)
.098 (2.50)
.071 (1.80)
.059 (1.50)
.037 (0.95)
REF.
.020 (0.50)
.012 (0.30)
.118 (3.00)
.010 (2.80)
.006 (0.15)
.000 (0.00)
.057 (1.45)
.035 (0.90)
10° MAX.
.024 (0.60)
.004 (0.10)
.010 (0.25)
.004 (0.09)
.075 (1.90)
REF.
PIN 1
Dimensions: inches (mm)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18