전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC623CEOA 데이터시트(PDF) 5 Page - Microchip Technology

부품명 TC623CEOA
상세설명  3V, Dual Trip Point Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC623CEOA 데이터시트(HTML) 5 Page - Microchip Technology

  TC623CEOA Datasheet HTML 1Page - Microchip Technology TC623CEOA Datasheet HTML 2Page - Microchip Technology TC623CEOA Datasheet HTML 3Page - Microchip Technology TC623CEOA Datasheet HTML 4Page - Microchip Technology TC623CEOA Datasheet HTML 5Page - Microchip Technology TC623CEOA Datasheet HTML 6Page - Microchip Technology TC623CEOA Datasheet HTML 7Page - Microchip Technology TC623CEOA Datasheet HTML 8Page - Microchip Technology TC623CEOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2001-2012 Microchip Technology Inc.
DS21441D-page 5
TC623
4.0
TYPICAL APPLICATIONS
4.1
Mounting
If the TC623 is used to measure the temperature of
another device, it is important that the top surface of the
TC623 package be in intimate contact with the
measured device. Good thermal conductivity and no air
space is critical to accurate temperature measurement
in applications of this type.
4.2
Trip Point Programming
The resistance values required for the HIGH SET and
LOW SET inputs are calculated using the formula
below:
For example, to program a trip point of 50°C, the
programming resistor is:
RTRIP = 0.5997 x T
2.1312
Where;
RTRIP = Programming resistor value in Ohms
T = Desired trip temperature in degrees Kelvin.
RTRIP = 0.5997 x (50 + 273.15)
2.1312) = 133.65 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12