전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1046 데이터시트(PDF) 3 Page - Microchip Technology

부품명 TC1046
상세설명  High Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1046 데이터시트(HTML) 3 Page - Microchip Technology

  TC1046_13 Datasheet HTML 1Page - Microchip Technology TC1046_13 Datasheet HTML 2Page - Microchip Technology TC1046_13 Datasheet HTML 3Page - Microchip Technology TC1046_13 Datasheet HTML 4Page - Microchip Technology TC1046_13 Datasheet HTML 5Page - Microchip Technology TC1046_13 Datasheet HTML 6Page - Microchip Technology TC1046_13 Datasheet HTML 7Page - Microchip Technology TC1046_13 Datasheet HTML 8Page - Microchip Technology TC1046_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2001-2012 Microchip Technology Inc
DS21496C-page 3
TC1046
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(3-Pin SOT-23B)
Symbol
Description
1VDD
Input Supply Voltage
2VOUT
Temperature Sensor Output
3VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12