전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

25AA040AX 데이터시트(PDF) 35 Page - Microchip Technology

부품명 25AA040AX
상세설명  4K SPI Bus Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040AX 데이터시트(HTML) 35 Page - Microchip Technology

Back Button 25AA040AX Datasheet HTML 30Page - Microchip Technology 25AA040AX Datasheet HTML 31Page - Microchip Technology 25AA040AX Datasheet HTML 32Page - Microchip Technology 25AA040AX Datasheet HTML 33Page - Microchip Technology 25AA040AX Datasheet HTML 34Page - Microchip Technology 25AA040AX Datasheet HTML 35Page - Microchip Technology 25AA040AX Datasheet HTML 36Page - Microchip Technology 25AA040AX Datasheet HTML 37Page - Microchip Technology 25AA040AX Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
 2003-2012 Microchip Technology Inc.
DS21827H-page 35
25AA040A/25LC040A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
X
/XX
Package
Temperature
Tape & Reel
Device
Device:
25AA040A
25LC040A
25AA040AX
25LC040AX
4 Kbit, 1.8V, 16 Byte Page, SPI Serial EEPROM
4 Kbit, 2.5V, 16 Byte Page, SPI Serial EEPROM
4 Kbit, 1.8V, 16 Byte Page, SPI Serial EEPROM,
in alternate pinout (ST only)
4 Kbit, 2.5V, 16 Byte Page, SPI EEPROM, in
alternate pinout (ST only)
Tape & Reel:
Blank =
T=
Standard packaging
Tape & Reel
Temperature
Range:
I=
E=
-40
C to+85C
-40
C to+125C
Package:
MS
=
P=
SN
=
ST
=
MC
=
MNY(1) =
OT
=
Plastic MSOP (Micro Small Outline), 8-lead
Plastic DIP (300 mil body), 8-lead
Plastic SOIC (3.90 mm body), 8-lead
Plastic TSSOP (4.4 mm body), 8-lead
Plastic (2x3x0.9 mm body), 8-lead
Plastic TDFN (2x3x0.75 mm body), 8-lead
(Tape and Reel only)
Plastic SOT-23, 6-lead (Tape and Reel only)
Note
1:
“Y” indicates a Nickel Palladium Gold (NiPdAu) finish.
Examples:
a)
25AA040A-I/MS = 4 Kbit, 16-byte page, 1.8V
Serial EEPROM, Industrial temp., MSOP
package
b)
25AA040AT-I/SN = 4 Kbit, 16-byte page, 1.8V
Serial EEPROM, Industrial temp., Tape & Reel,
SOIC package
c)
25LC040AT-I/SN = 4 Kbit, 16-byte page, 2.5V
Serial EEPROM, Industrial temp., Tape & Reel,
SOIC package
d)
25LC040AT-I/ST = 4 Kbit, 16-byte page, 2.5V
Serial EEPROM, Industrial temp., Tape & Reel,
TSSOP package
e)
25LC040AT-E/SN = 4 Kbit, 16-byte page, 2.5V
Serial EEPROM, Extended temp., Tape & Reel,
SOIC package
f)
25LC040AX-E/ST = 4 Kbit, 16-byte page, 2.5V
Serial EEPROM, Extended temp., rotated pin-
out, TSSOP package
g)
25LC040AT-I/MNY = 4 Kbit, 16-byte page, 2.5V
Serial EEPROM, Industrial temp., Tape & Reel,
TDFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com