전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ32GS608 데이터시트(PDF) 21 Page - Microchip Technology

부품명 dsPIC33FJ32GS608
상세설명  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 데이터시트(HTML) 21 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 17Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 18Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 19Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 20Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 21Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 22Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 23Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 24Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 21
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
FLT1-FLT23
SYNCI1-SYNCI4
SYNCO1-SYNCO2
PWM1L
PWM1H
PWM2L
PWM2H
PWM3L
PWM3H
PWM4L
PWM4H
PWM5L
PWM5H
PWM6L
PWM6H
PWM7L
PWM7H
PWM8L
PWM8H
PWM9L
PWM9H
I
I
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
ST
ST
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Fault inputs to PWM module.
External synchronization signal to PWM master time base.
PWM master time base for external device synchronization.
PWM1 low output.
PWM1 high output.
PWM2 low output.
PWM2 high output.
PWM3 low output.
PWM3 high output.
PWM4 low output.
PWM4 high output.
PWM5 low output.
PWM5 high output.
PWM6 low output.
PWM6 high output.
PWM7 low output.
PWM7 high output.
PWM8 low output.
PWM8 high output.
PWM9 low output.
PWM9 high output.
PGED1
PGEC1
PGED2
PGEC2
PGED3
PGEC3
I/O
I
I/O
I
I/O
I
ST
ST
ST
ST
ST
ST
Data I/O pin for Programming/Debugging Communication Channel 1.
Clock input pin for Programming/Debugging Communication Channel 1.
Data I/O pin for Programming/Debugging Communication Channel 2.
Clock input pin for Programming/Debugging Communication Channel 2.
Data I/O pin for Programming/Debugging Communication Channel 3.
Clock input pin for Programming/Debugging Communication Channel 3.
MCLR
I/P
ST
Master Clear (Reset) input. This pin is an active-low Reset to the
device.
AVDD
P
P
Positive supply for analog modules.
AVSS
P
P
Ground reference for analog modules.
VDD
P
—
Positive supply for peripheral logic and I/O pins.
VCAP
P
—
CPU logic filter capacitor connection.
VSS
P
—
Ground reference for logic and I/O pins.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
I = Input
ST = Schmitt Trigger input with CMOS levels
P = Power
O = Output
TTL = Transistor-Transistor Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More