전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ64GS406 데이터시트(PDF) 302 Page - Microchip Technology

부품명 dsPIC33FJ64GS406
상세설명  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 데이터시트(HTML) 302 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 298Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 299Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 300Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 301Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 302Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 303Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 304Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 305Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 306Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 302
 2009-2012 Microchip Technology Inc.
REGISTER 21-22: CxRXFUL1: ECANx RECEIVE BUFFER FULL REGISTER 1
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXFUL15
RXFUL14
RXFUL13
RXFUL12
RXFUL11
RXFUL10
RXFUL9
RXFUL8
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXFUL7
RXFUL6
RXFUL5
RXFUL4
RXFUL3
RXFUL2
RXFUL1
RXFUL0
bit 7
bit 0
Legend:
C = Writeable, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXFUL<15:0>: Receive Buffer n Full bits
1 = Buffer is full (set by module)
0 = Buffer is empty
REGISTER 21-23: CxRXFUL2: ECANx RECEIVE BUFFER FULL REGISTER 2
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXFUL31
RXFUL30
RXFUL29
RXFUL28
RXFUL27
RXFUL26
RXFUL25
RXFUL24
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXFUL23
RXFUL22
RXFUL21
RXFUL20
RXFUL19
RXFUL18
RXFUL17
RXFUL16
bit 7
bit 0
Legend:
C = Writeable, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXFUL<31:16>: Receive Buffer n Full bits
1 = Buffer is full (set by module)
0 = Buffer is empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com