전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ64GS406 데이터시트(PDF) 303 Page - Microchip Technology

부품명 dsPIC33FJ64GS406
상세설명  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 데이터시트(HTML) 303 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 299Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 300Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 301Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 302Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 303Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 304Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 305Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 306Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 307Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 303
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 21-24: CxRXOVF1: ECANx RECEIVE BUFFER OVERFLOW REGISTER 1
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF15
RXOVF14
RXOVF13
RXOVF12
RXOVF11
RXOVF10
RXOVF9
RXOVF8
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF7
RXOVF6
RXOVF5
RXOVF4
RXOVF3
RXOVF2
RXOVF1
RXOVF0
bit 7
bit 0
Legend:
C = Writeable, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXOVF<15:0>: Receive Buffer n Overflow bits
1 = Module attempted to write to a full buffer (set by module)
0 = No overflow condition
REGISTER 21-25: CxRXOVF2: ECANx RECEIVE BUFFER OVERFLOW REGISTER 2
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF31
RXOVF30
RXOVF29
RXOVF28
RXOVF27
RXOVF26
RXOVF25
RXOVF24
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF23
RXOVF22
RXOVF21
RXOVF20
RXOVF19
RXOVF18
RXOVF17
RXOVF16
bit 7
bit 0
Legend:
C = Writeable, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXOVF<31:16>: Receive Buffer n Overflow bits
1 = Module attempted to write to a full buffer (set by module)
0 = No overflow condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com