전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ64GS606 데이터시트(PDF) 4 Page - Microchip Technology

부품명 dsPIC33FJ64GS606
상세설명  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS606 데이터시트(HTML) 4 Page - Microchip Technology

  dsPIC33FJ64GS606 Datasheet HTML 1Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 2Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 3Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 4Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 5Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 6Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 7Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 8Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 4
 2009-2012 Microchip Technology Inc.
Pin Diagrams (Continued)
64-Pin QFN
PGEC2/SOSCO/T1CK/CN0/RC14
PGED2/SOSCI/T4CK/CN1/RC13
OC1/QEB1/FLT5/RD0
IC4/QEA1/FLT4/INT4/RD11
IC2/FLT2/U1CTS/INT2/RD9
IC1/FLT1/SYNCI1/INT1/RD8
VSS
OSC2/REFCLKO/CLKO/RC15
OSC1/CLKIN/RC12
VDD
SCL1/RG2
U1RTS/SCK1/INT0/RF6
U1RX/SDI1/RF2
U1TX/SDO1/RF3
PWM3H/RE5
PWM4L/RE6
PWM4H/RE7
SCK2/FLT12/CN8/RG6
SDI2/FLT11/CN9/RG7
SDO2/FLT10/CN10/RG8
MCLR
VSS
VDD
AN3/AINDX1/CN5/RB3
AN2/ASS1/CN4/RB2
PGEC3/AN1/CN3/RB1
PGED3/AN0/CN2/RB0
SDA1/RG3
SS2/FLT9/SYNCI2/CN11/RG9
AN5/AQEB1/CN7/RB5
AN4/AQEA1/CN6/RB4
IC3/INDX1/FLT3/INT3/RD10
64 63 62 61 60 59 58 57 56 55
22 23 24 25 26 27 28 29 30 31
3
40
39
38
37
36
35
34
33
4
5
7
8
9
10
11
1
2
42
41
6
32
43
54
14
15
16
12
13
17 18 19 20 21
45
44
47
46
48
53 52 51 50 49
dsPIC33FJ32GS406
dsPIC33FJ64GS406
= Pins are up to 5V tolerant
Note: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to
VSS externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More