전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RE46C145SW16TF 데이터시트(PDF) 12 Page - Microchip Technology

부품명 RE46C145SW16TF
상세설명  CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C145SW16TF 데이터시트(HTML) 12 Page - Microchip Technology

Back Button RE46C145SW16TF Datasheet HTML 8Page - Microchip Technology RE46C145SW16TF Datasheet HTML 9Page - Microchip Technology RE46C145SW16TF Datasheet HTML 10Page - Microchip Technology RE46C145SW16TF Datasheet HTML 11Page - Microchip Technology RE46C145SW16TF Datasheet HTML 12Page - Microchip Technology RE46C145SW16TF Datasheet HTML 13Page - Microchip Technology RE46C145SW16TF Datasheet HTML 14Page - Microchip Technology RE46C145SW16TF Datasheet HTML 15Page - Microchip Technology RE46C145SW16TF Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
RE46C145
DS22181C-page 12
 2009-2012 Microchip Technology Inc.
FIGURE 3-2:
RE46C145 Timing Diagram – Local Alarm, Horn and Interconnect Timings.
Local Alarm Timing (not to scale)
TPER2
STROBE
IRED
TPLED2
LED
No Alarm
Local or Remote Alarm
No Alarm
Horn Temporal Pattern
THON1
THOF1
THOF2
Horn
Interconnect Timing
TIODLY1
IO as Output
TIOFILT
TIODLY2
IO as Input
Note 1:
Smoke is not sampled when the horn is active. Horn cycle is self completing in local alarm, but not in
remote alarm.
2:
Low battery warning chirp is suppressed in local or remote alarm.
3:
IO Dump active only in local alarm, inactive if external alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26