전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SW50-2G 데이터시트(PDF) 27 Page - Aavid, Thermal Division of Boyd Corporation

부품명 SW50-2G
상세설명  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G 데이터시트(HTML) 27 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
27
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
7025
Channel style heat sink with folded back fins
Channel style heat sink with folded
back fins for increased cooling surface
area. Available with tin plated solder-
able tabs for easy attachment to the
printed circuit card.
24.13
(0.950)
26.67
(1.050)
48.26
(1.900)
28.03
(1.104)
2.02
(0.080)
28.70
(1.130)
23.62
(0.930)
3.81
(0.150)
THRU
14.48
(0.570)
5.08
(0.200)
2.54
(0.100)
4.45
(0.175)
19.05
(0.750)
3.18
(0.125)
2.29
(0.090)
ø
TAB
Part Number
Description
7025BG
Channel heat sink with no solderable tabs
7025B-MTG
With solderable mounting tabs
2.90 ( 0.114)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
02
4
6
8
10
4
3
1
2
0
0
400
200
600
800
1000
ORDERING INFORMATION
25.40
(1.000)
14.48
(0.570)
3.81
(0.150)
THRU
38.23
(1.505)
39.37
(1.550)
2.28
(0.090)
5.08
(0.200)
2.03
(0.080)
9.52
(0.375)
4.83
(0.190)
3.18
(0.125)
11.94
(0.470)
ø
TAB
Part Number
Description
Finish
7019BG
Channel heat sink with no solderable tabs Black anodize
7019PBG
Channel heat sink with no solderable tabs Pre black anodize*
7019B-MTG
With solderable tabs
Black anodize
2.90 ( 0.114)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Narrow channel style heat sink with
folded back fins for increased cooling
surface area. Available with tin plated
solderable tabs for easy attachment to
the printed circuit card.
7019
Narrow channel style heat sink with folded back fins
7020
Narrow channel style heat sink with folded back fins
Narrow channel style heat sink with
folded back fins for increased cooling
surface area. Available with tin plated
solderable tabs for easy attachment to
the printed circuit card.
(0.700)
17.78
(0.470)
11.94
(1.450)
36.83
(1.300)
33.02
(0.570)
14.48
(0.310)
7.87
(1.255)
31.88
(0.240)
6.10
2x
(0.150)
3.81
(0.190)
4.83
(0.125)
3.18
(0.080)
2.02
CL
ø
"x"
TAB
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
7020BG
Narrow channel heat sink with no solderable tabs
7020B-MTG
With solderable tabs
2.90 (0.114)
ORDERING INFORMATION
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 1.02 (0.040) Thick Aluminum
Finish: See Table
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Dia of PCB
Plated Thru
Hole for Tabs
TO-220 Heat Sinks
Position
Code
Description
Location
Details
A
TC10-MT
Insulating device mounting clip
Hole X
Page 93, 98
and solderable tabs
Dia of PCB
Plated Thru
Hole for Tabs
Dia of PCB
Plated Thru
Hole for Tabs
*Edges cut during the manufacturing process will be unfinished.
See page 110 for more information
POPULAR OPTIONS:
Base part no.
A
7020B-
G
For additional options see page 85
For additional options see page 85
For additional options see page 85
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More