전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F72 데이터시트(PDF) 38 Page - Microchip Technology

부품명 PIC16F72
상세설명  28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 데이터시트(HTML) 38 Page - Microchip Technology

Back Button PIC16F72 Datasheet HTML 34Page - Microchip Technology PIC16F72 Datasheet HTML 35Page - Microchip Technology PIC16F72 Datasheet HTML 36Page - Microchip Technology PIC16F72 Datasheet HTML 37Page - Microchip Technology PIC16F72 Datasheet HTML 38Page - Microchip Technology PIC16F72 Datasheet HTML 39Page - Microchip Technology PIC16F72 Datasheet HTML 40Page - Microchip Technology PIC16F72 Datasheet HTML 41Page - Microchip Technology PIC16F72 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 136 page
background image
PIC16F72
DS39597C-page 36
© 2007 Microchip Technology Inc.
7.3
Reading the FLASH Program
Memory
To read a program memory location, the user must
write two bytes of the address to the PMADRL and
PMADRH registers and then set control bit, RD
(PMCON1<0>). Once the read control bit is set, the
program memory FLASH controller will use the second
instruction cycle after to read the data. This causes the
second instruction immediately following the “BSF
PMCON1,RD
” instruction to be ignored. The data is
available in the very next cycle in the PMDATL and
PMDATH registers; therefore, it can be read as two
bytes in the following instructions. PMDATL and
PMDATH registers will hold this value until another
read, or until it is written to by the user (during a write
operation).
7.4
Operation During Code Protect
The FLASH program memory control can read any-
where within the program memory, whether or not the
program memory is code protected.
This does not compromise the code, because there is
no way to rewrite a portion of the program memory, or
leave contents of a program memory read in a register
while changing modes.
EXAMPLE 7-1:
FLASH PROGRAM READ
TABLE 7-1:
REGISTERS ASSOCIATED WITH PROGRAM FLASH
BANKSEL PMADRH
; Select Bank for PMADRH
MOVLW
MS_PROG_EE_ADDR
;
MOVWF
PMADRH
; MS Byte of Program Address to read
MOVLW
LS_PROG_EE_ADDR
;
MOVWF
PMADRL
; LS Byte of Program Address to read
BANKSEL PMCON1
; Select Bank for PMCON1
BSF
PMCON1, RD
; EE Read
;
NOP
; Any instructions here are ignored as program
NOP
; memory is read in second cycle after BSF PMCON1,RD
;
; First instruction after BSF PMCON1,RD executes normally
BANKSEL PMDATL
; Select Bank for PMDATL
MOVF
PMDATL, W
; W = LS Byte of Program PMDATL
MOVF
PMDATH, W
; W = MS Byte of Program PMDATL
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
10Dh
PMADRL
Address Register Low Byte
xxxx xxxx uuuu uuuu
10Fh
PMADRH
—
—
—
Address Register High Byte
xxxx xxxx uuuu uuuu
10Ch
PMDATL
Data Register Low Byte
xxxx xxxx uuuu uuuu
10Eh
PMDATH
—
—
Data Register High Byte
xxxx xxxx uuuu uuuu
18Ch
PMCON1
—(1)
—
—
—
—
—
—
RD
1--- ---0 1--- ---0
Legend: x = unknown, u = unchanged, r = reserved, - = unimplemented, read as '0'.
Shaded cells are not used during FLASH access.
Note 1: This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com