| 전자부품 데이터시트 검색엔진 |
|
SW63-2G 데이터시트(PDF) 47 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW63-2G 데이터시트(HTML) 47 Page - Aavid, Thermal Division of Boyd Corporation |
|
47 / 116 page ![]() 47 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com ORDERING INFORMATION 6225 Space saving staggered fin heat sink Space saving staggered fin heat sink for vertical mounting TO-220 devices. Features solderable mounting tabs for easy attachment to the PC board. 8.00 (0.315) 27.18 (1.070) ø3.18 (0.125) THRU 15.16 (0.597) 3.18 (0.125) 26.01 (1.024) 17.78 (0.700) 2.28 (0.090) 4.83 (0.190) 2.02 (0.080) Part Number Description 6225B-MTG Space saving staggered fin heat sink 2.90 (0.114) Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 0 1 2 3 4 5 8 6 2 4 0 0 400 200 600 800 1000 12.70 (0.500) 35.05 (1.380) 25.40 (1.000) 50.80 (2.000) 2.46 (0.097) 25.40 (1.000) 18.28 (0.720) 4.75 (0.187) 3.18 (0.125) ø 2x Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 0 2 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 Copper, space saving staggered fin heat sink for vertical mounting TO-220 devices. Features solderable mounting tabs for easy attachment to the PC board. 6032 Copper, space saving staggered fin heat sink 6022 Space saving staggered fin heat sink Space saving staggered fin heat sink for vertical mounting TO-220 devices. Features staked on solderable mounting tabs for easy attachment to the PC board. 6.35 (0.250) 22.23 (0.875) 3.18 (0.125) 30.73 (1.210) 18.54 (0.730) 1.07 (0.042) 17.78 (0.700) 2.79 (0.110) ø 1.78 (0.070) Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 0 2 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 Part Number Finish 6022PBG Pre-black anodize* 2.36 (0.093) 6022BG Black anodize 2.36 (0.093) ORDERING INFORMATION Material: 1.02 (0.040) Thick Aluminum Finish: Black Anodize Material: 1.27 (0.050) Thick Copper Finish: Tin Plated Material: 1.02 (0.040) Thick Aluminum Finish: See Table ORDERING INFORMATION Part Number Description 6032DG Copper space saving staggered fin heat sink 3.10 (0.122) Dia of PCB Plated Thru Hole for Tabs TO-220 Heat Sinks Dia of PCB Plated Thru Hole for Tabs Dia of PCB Plated Thru Hole for Tabs *Edges cut during the manufacturing process will be unfinished. See page 110 for more information For additional options see page 85 For additional options see page 85 Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |