전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ64GA006 데이터시트(PDF) 4 Page - Microchip Technology

부품명 PIC24FJ64GA006
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA006 데이터시트(HTML) 4 Page - Microchip Technology

  PIC24FJ64GA006 Datasheet HTML 1Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 2Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 3Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 4Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 5Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 6Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 7Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 8Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 258 page
background image
PIC24FJ128GA010 FAMILY
DS39747F-page 4
 2005-2012 Microchip Technology Inc.
Pin Diagrams (Continued))
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
65
64
63
62
61
60
59
56
17
18
19
21
22
1
72
71
70
69
68
67
66
75
74
73
58
57
24
23
25
55
54
53
52
51
SOSCI/CN1/RC13
OC1/RD0
IC3/PMCS2/RD10
IC2/RD9
IC1/RTCC/RD8
IC4/PMCS1/RD11
INT4/RA15
INT3/RA14
OSC2/CLKO/RC15
OSC1/CLKI/RC12
VDD
SCL1/RG2
SCK1/INT0/RF6
SDI1/RF7
SDO1/RF8
SDA1/RG3
U1RX/RF2
U1TX/RF3
VSS
SOSCO/T1CK/CN0/RC14
PMD5/RE5
PMD6/RE6
PMD7/RE7
T2CK/RC1
T3CK/RC2
T4CK/RC3
T5CK/RC4
PMA5/SCK2/CN8/RG6
VDD
TMS/RA0
INT1/RE8
INT2/RE9
C1IN+/AN5/CN7/RB5
C1IN-/AN4/CN6/RB4
C2IN+/AN3/CN5/RB3
C2IN-/AN2/SS1/CN4/RB2
PMA4/SDI2/CN9/RG7
PMA3/SDO2/CN10/RG8
PGC1/EMUC1/AN1/CN3/RB1
PGD1/EMUD1/AN0/CN2/RB0
VDD
RG15
PMA2/SS2/CN11/RG9
MCLR
TDO/RA5
SDA2/RA3
SCL2/RA2
VSS
VSS
TDI/RA4
100-Pin TQFP
PIC24FJXXGA010
PIC24FJXXXGA010
Legend: Shaded pins indicate pins that are tolerant to up to +5.5 VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More