| 전자부품 데이터시트 검색엔진 |
|
SC1205CS 데이터시트(PDF) 11 Page - Samtec, Inc |
|
|
|||||||||||||||||||||||||||||
SC1205CS 데이터시트(HTML) 11 Page - Samtec, Inc |
|
11 / 12 page ![]() 11 2004 Semtech Corp. www.semtech.com POWER MANAGEMENT SC1205 Evaluation Board Bill of Materials m e t Iy t Qe c n e r e f e R e u l a V / r e b m u N t r a Pr e r u t c a f u n a M 15 6 2 C , 8 1 C , 3 1 C , 4 C , 1 Cf u 1 22 1, 0 2 C , 9 1 C , 7 1 C , 6 1 C , 6 C , 3 C , 2 C 1 3 C , 9 2 C , 8 2 C , 4 2 C , 3 2 C R E C , u 0 1 37 5 3 C , 4 3 C , 4 1 C , 2 1 C , 0 1 C , 7 C , 5 C V 6 1 ,f u 0 2 8c i n o s a n a P 41 9 CV 6 1 , u 1 51 1 1 Cf n 2 2 63 2 2 C , 1 2 C , 5 1 C1 . 71 5 2 Cf p 0 0 1 81 3 3 C S O ,f u 0 2 8o y n a S 92 6 D , 7 D2 4 L L 0 11 1 J 1 12 1 L , 2 L , 8 0 7 - 6 0 1 1 B I T T h n 0 0 7 O C L A F 2 14 5 Q , 4 Q , 3 Q , 1 Q L B 0 3 0 7 B D Fd li h c r i a F 3 11 1 R5 0 0 .e l a D 4 12 3 R , 2 R0 1 5 15 9 9 R , 3 1 R , 9 R , 8 R , 5 R0 6 11 0 1 RK 0 0 1 7 12 0 2 R , 1 1 Rk 0 1 8 11 4 1 Rk 5 . 1 1 9 11 7 1 Rk 9 4 . 6 0 21 8 1 R1 1 21 9 1 Rk 7 . 6 2 2 21 0 3 R3 3 1 3 21 1 3 R0 0 1 4 21 2 3 RK 3 . 4 2 5 21 3 3 RK 0 . 0 1 6 21 1 S 7 22 1 U , 3 U5 0 2 1 C Sh c e t m e S 8 21 2 U A 2 2 4 2 C Sh c e t m e S 9 21 l a n o it p o m h o 0 1 - 7 . 4 |