| 전자부품 데이터시트 검색엔진 |
|
M24C04-R 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04-R 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 38 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 DC and AC parameters Doc ID 5067 Rev 17 25/38 Table 16. AC characteristics at 100 kHz (I2C Standard-mode)(1) (M24Cxx-W, M24Cxx-R, M24Cxx-F) 1. Values recommended by the I2C bus Standard-mode specification for a robust design of the I2C bus application. Note that the M24xxx devices decode correctly faster timings as specified in Table 15: AC characteristics at 400 kHz (I2C Fast-mode) (M24Cxx-W, M24Cxx-R, M24Cxx-F). Test conditions specified in either Table 6, Table 7 or Table 8 and Table 13 Symbol Alt. Parameter Min. Max. Unit fC fSCL Clock frequency - 100 kHz tCHCL tHIGH Clock pulse width high 4 - µs tCLCH tLOW Clock pulse width low 4.7 - µs tXH1XH2 tR Input signal rise time - 1 µs tXL1XL2 tF Input signal fall time - 300 ns tQL1QL2 (2) 2. Characterized only. tF SDA fall time - 300 ns tDXCX tSU:DAT Data in setup time 250 - ns tCLDX tHD:DAT Data in hold time 0 - ns tCLQX tDH Data out hold time 200 - ns tCLQV (3) 3. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA. tAA Clock low to next data valid (access time) 200 3450 ns tCHDX (4) 4. For a reStart condition, or following a Write cycle. tSU:STA Start condition setup time 4.7 - µs tDLCL tHD:STA Start condition hold time 4 - µs tCHDH tSU:STO Stop condition setup time 4 - µs tDHDL tBUF Time between Stop condition and next Start condition 4.7 - µs tW tWR Write time - 5 ms |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |