| 전자부품 데이터시트 검색엔진 |
|
M24256-DRMN6TP 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24256-DRMN6TP 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 40 page ![]() M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF Instructions Doc ID 6757 Rev 30 15/40 5.1.1 Byte Write After the device select code and the address bytes, the bus master sends one data byte. If the addressed location is Write-protected, by Write Control (WC) being driven high, the device replies with NoAck, and the location is not modified. If, instead, the addressed location is not Write-protected, the device replies with Ack. The bus master terminates the transfer by generating a Stop condition, as shown in Figure 7. Figure 7. Write mode sequences with WC = 0 (data write enabled) Byte Write Dev sel Byte addr Byte addr Data in WC Page Write Dev sel Byte addr Byte addr Data in 1 WC Data in 2 AI01106d Page Write (cont'd) WC (cont'd) Data in N ACK R/W ACK ACK ACK ACK ACK ACK ACK R/W ACK ACK |