전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F303VCT6 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 STM32F303VCT6
상세설명  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 26Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 27Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 28Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 29Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 30Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 31Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 32Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 33Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 132 page
background image
Functional overview
STM32F302xx/STM32F303xx
30/132
DocID023353 Rev 6
Table 8. Capacitive sensing GPIOs available on STM32F302xx/STM32F303xx devices
Group
Capacitive sensing
signal name
Pin
name
Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
5
TSC_G5_IO1
PB3
TSC_G1_IO2
PA1
TSC_G5_IO2
PB4
TSC_G1_IO3
PA2
TSC_G5_IO3
PB6
TSC_G1_IO4
PA3
TSC_G5_IO4
PB7
2
TSC_G2_IO1
PA4
6
TSC_G6_IO1
PB11
TSC_G2_IO2
PA5
TSC_G6_IO2
PB12
TSC_G2_IO3
PA6
TSC_G6_IO3
PB13
TSC_G2_IO4
PA7
TSC_G6_IO4
PB14
3
TSC_G3_IO1
PC5
7
TSC_G7_IO1
PE2
TSC_G3_IO2
PB0
TSC_G7_IO2
PE3
TSC_G3_IO3
PB1
TSC_G7_IO3
PE4
TSC_G3_IO4
PB2
TSC_G7_IO4
PE5
4
TSC_G4_IO1
PA9
8
TSC_G8_IO1
PD12
TSC_G4_IO2
PA10
TSC_G8_IO2
PD13
TSC_G4_IO3
PA13
TSC_G8_IO3
PD14
TSC_G4_IO4
PA14
TSC_G8_IO4
PD15
Table 9. No. of capacitive sensing channels available on
STM32F302xx/STM32F303xx devices
Analog I/O group
Number of capacitive sensing channels
STM32F30xVx
STM32F30xRx
STM32F30xCx
G1
3
3
3
G2
3
3
3
G3
3
3
2
G4
3
3
3
G5
3
3
3
G6
3
3
3
G7
3
0
0
G8
3
0
0
Number of capacitive
sensing channels
24
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More