| 전자부품 데이터시트 검색엔진 |
|
MPC8250 데이터시트(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8250 데이터시트(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 62 page ![]() MPC8250 Hardware Specifications, Rev. 2 Freescale Semiconductor 39 Pinout PA17/FCC1_RXD0/FCC1_RXD AE161 PA18/FCC1_TXD0/FCC1_TXD AJ161 PA19/FCC1_TXD1 AG151 PA20/FCC1_TXD2 AJ131 PA21/FCC1_TXD3 AE131 PA22 AF121 PA23 AG111 PA24/MSNUM1 AH91 PA25/MSNUM0 AJ81 PA26/FCC1_MII_RX_ER AH71 PA27/FCC1_MII_RX_DV AF71 PA28/FCC1_MII_TX_EN AD51 PA29/FCC1_MII_TX_ER AF11 PA30/FCC1_MII_CRS/FCC1_RTS AD31 PA31/FCC1_MII_COL AB51 PB4/FCC3_TXD3/L1RSYNCA2/FCC3_RTS AD281 PB5/FCC3_TXD2/L1TSYNCA2/L1GNTA2 AD261 PB6/FCC3_TXD1/L1RXDA2/L1RXD0A2 AD251 PB7/FCC3_TXD0/FCC3_TXD/L1TXDA2/L1TXD0A2 AE261 PB8/FCC3_RXD0/FCC3_RXD/TXD3 AH271 PB9/FCC3_RXD1/L1TXD2A2 AG241 PB10/FCC3_RXD2 AH241 PB11/FCC3_RXD3 AJ241 PB12/FCC3_MII_CRS/TXD2 AG221 PB13/FCC3_MII_COL/L1TXD1A2 AH211 PB14/FCC3_MII_TX_EN/RXD3 AG201 PB15/FCC3_MII_TX_ER/RXD2 AF191 PB16/FCC3_MII_RX_ER/CLK18 AJ181 PB17/FCC3_MII_RX_DV/CLK17 AJ171 PB18/FCC2_RXD3/L1CLKOD2/L1RXD2A2 AE141 PB19/FCC2_RXD2/L1RQD2/L1RXD3A2 AF131 PB20/FCC2_RXD1/L1RSYNCD2/L1TXD1A1 AG121 PB21/FCC2_RXD0/FCC2_RXD/L1TSYNCD2/L1GNTD2 AH111 PB22/FCC2_TXD0/FCC2_TXD/L1RXDD2 AH161 PB23/FCC2_TXD1/L1TXDD2 AE151 Table 20. MPC8250 TBGA Package Pinout List (continued) Pin Name Ball |