전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC68331MFC16 데이터시트(PDF) 48 Page - Freescale Semiconductor, Inc

부품명 MC68331MFC16
상세설명  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 데이터시트(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
48
MC68331TS/D
MOVEP
Dn, (d16, An)
(d16, An), Dn
16, 32
Dn [31 : 24]
⇒ (An + d); Dn [23 : 16] ⇒ (An + d + 2);
Dn [15 : 8]
⇒ (An + d + 4); Dn [7 : 0] ⇒ (An + d + 6)
(An
+ d) ⇒ Dn [31 : 24]; (An + d + 2) ⇒ Dn [23 : 16];
(An
+ d + 4) ⇒ Dn [15 : 8]; (An + d + 6) ⇒ Dn [7 : 0]
MOVEQ
#<data>, Dn
8
⇒ 32
Immediate data
⇒ Destination
MOVES1
Rn, <ea>
<ea>, Rn
8, 16, 32
Rn
⇒ Destination using DFC
Source using SFC
⇒ Rn
MULS/MULU
<ea>, Dn
<ea>, Dl
<ea>, Dh : Dl
16
∗ 16 ⇒ 32
32
∗ 32 ⇒ 32
32
∗ 32 ⇒ 64
Source
∗ Destination ⇒ Destination
(signed or unsigned)
NBCD
<ea>
8
8
0
− Destination
10 − X ⇒ Destination
NEG
<ea>
8, 16, 32
0
− Destination ⇒ Destination
NEGX
<ea>
8, 16, 32
0
− Destination − X ⇒ Destination
NOP
none
none
PC
+ 2 ⇒ PC
NOT
<ea>
8, 16, 32
Destination
⇒ Destination
OR
<ea>, Dn
Dn, <ea>
8, 16, 32
8, 16, 32
Source
+ Destination ⇒ Destination
ORI
#<data>, <ea>
8, 16, 32
Data
+ Destination ⇒ Destination
ORI to CCR
#<data>, CCR
16
Source
+ CCR ⇒ SR
ORI to SR1
#<data>, SR
16
Source ; SR
⇒ SR
PEA
<ea>
32
SP
− 4 ⇒ SP; <ea> ⇒ SP
RESET1
none
none
Assert RESET line
ROL
Dn, Dn
#<data>, Dn
<ea>
8, 16, 32
8, 16, 32
16
ROR
Dn, Dn
#<data>, Dn
<ea>
8, 16, 32
8, 16, 32
16
ROXL
Dn, Dn
#<data>, Dn
<ea>
8, 16, 32
8, 16, 32
16
ROXR
Dn, Dn
#<data>, Dn
<ea>
8, 16, 32
8, 16, 32
16
RTD
#d
16
(SP)
⇒ PC; SP + 4 + d ⇒ SP
RTE1
none
none
(SP)
⇒ SR; SP + 2 ⇒ SP; (SP) ⇒ PC;
SP
+ 4 ⇒ SP;
Restore stack according to format
RTR
none
none
(SP)
⇒ CCR; SP + 2 ⇒ SP; (SP) ⇒ PC;
SP
+ 4 ⇒ SP
RTS
none
none
(SP)
⇒ PC; SP + 4 ⇒ SP
SBCD
Dn, Dn
− (An), − (An)
8
8
Destination10
− Source10 − X ⇒ Destination
Scc
<ea>
8
If condition true, then destination bits are set to 1;
else, destination bits are cleared to 0
STOP1
#<data>
16
Data
⇒ SR; STOP
Table 20 Instruction Set Summary (Continued)
Instruction
Syntax
Operand Size
Operation
C
C
C
X
C
X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84