전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC5605BCLQ64 데이터시트(PDF) 7 Page - Freescale Semiconductor, Inc

부품명 PPC5605BCLQ64
상세설명  MPC5607B Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5605BCLQ64 데이터시트(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PPC5605BCLQ64 Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
Package pinouts and signal descriptions
MPC5607B Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
7
3
Package pinouts and signal descriptions
3.1
Package pinouts
The available LQFP pinouts and the ballmap are provided in the following figures. For pin signal descriptions, please see
Table 5.
Non-Maskable Interrupt (NMI)
Handles external events that must produce an immediate response, such as
power down detection
Periodic interrupt timer (PIT)
Produces periodic interrupts and triggers
Power control unit (MC_PCU)
Reduces the overall power consumption by disconnecting parts of the device
from the power supply via a power switching device; device components are
grouped into sections called “power domains” which are controlled by the PCU
Real-time counter (RTC)
A free running counter used for time keeping applications, the RTC can be
configured to generate an interrupt at a predefined interval independent of the
mode of operation (run mode or low-power mode)
Reset generation module
(MC_RGM)
Centralizes reset sources and manages the device reset sequence of the device
Static random-access memory
(SRAM)
Provides storage for program code, constants, and variables
System integration unit lite (SIUL) Provides control over all the electrical pad controls and up 32 ports with 16 bits
of bidirectional, general-purpose input and output signals and supports up to 32
external interrupts with trigger event configuration
System status and configuration
module (SSCM)
Provides system configuration and status data (such as memory size and status,
device mode and security status), device identification data, debug status port
enable and selection, and bus and peripheral abort enable/disable
System timer module (STM)
Provides a set of output compare events to support AUTOSAR (AUTomotive
Open System ARchitecture) and operating system tasks
System watchdog timer (SWT)
Provides protection from runaway code
WKPU (wakeup unit)
The wakeup unit supports up to 27 external sources that can generate interrupts
or wakeup events, of which 1 can cause non-maskable interrupt requests or
wakeup events.
Table 2. MPC5607B series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More