| 전자부품 데이터시트 검색엔진 |
|
SPC5604BF2MLL6 데이터시트(PDF) 54 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5604BF2MLL6 데이터시트(HTML) 54 Page - Freescale Semiconductor, Inc |
|
54 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 11 Package pinouts and signal descriptions Freescale Semiconductor 54 The VDD(STDBY)| and dVDD(STDBY)/dt system requirement can be used to define the component used for the VDD supply generation. The following two examples describe how to calculate capacitance size: SR — Maximum slope on VDD during standby exit —— 15 mV/µs VMREG CC T Main regulator output voltage Before exiting from reset — 1.32 — V P After trimming 1.16 1.28 — IMREG SR — Main regulator current provided to VDD_LV domain —— — 150 mA IMREGINT CC D Main regulator module current consumption IMREG = 200 mA — — 2 mA IMREG = 0 mA — — 1 VLPREG CC P Low power regulator output voltage After trimming 1.16 1.28 — V ILPREG SR — Low power regulator current provided to VDD_LV domain — —— 15 mA ILPREGINT CC D Low power regulator module current consumption ILPREG = 15 mA; TA = 55 °C —— 600 µA — ILPREG = 0 mA; TA = 55 °C — 5— VULPREG CC P Ultra low power regulator output voltage After trimming 1.16 1.28 — V IULPREG SR — Ultra low power regulator current provided to VDD_LV domain —— — 5 mA IULPREGINT CC D Ultra low power regulator module current consumption IULPREG = 5 mA; TA = 55 °C —— 100 µA IULPREG = 0 mA; TA = 55 °C — 2— IDD_BV CC D In-rush average current on VDD_BV during power-up5 —— — 3006 mA 1 VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified 2 This capacitance value is driven by the constraints of the external voltage regulator supplying the VDD_BV voltage. A typical value is in the range of 470 nF. 3 This value is acceptable to guarantee operation from 4.5 V to 5.5 V 4 External regulator and capacitance circuitry must be capable of providing IDD_BV while maintaining supply VDD_BV in operating range. 5 In-rush average current is seen only for short time (maximum 20 µs) during power-up and on standby exit. It is dependant on the sum of the CREGn capacitances. 6 The duration of the in-rush current depends on the capacitance placed on LV pins. BV decoupling capacitors must be sized accordingly. Refer to IMREG value for minimum amount of current to be provided in cc. Table 26. Voltage regulator electrical characteristics (continued) Symbol C Parameter Conditions1 Value Unit Min Typ Max t d d VDD STDBY |