| 전자부품 데이터시트 검색엔진 |
|
AR1011T-I/SS 데이터시트(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1011T-I/SS 데이터시트(HTML) 5 Page - Microchip Technology |
|
5 / 70 page ![]() 2009-2012 Microchip Technology Inc. Preliminary DS41393B-page 5 AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER 1.0 DEVICE OVERVIEW The Microchip mTouchTM AR1000 Series Resistive Touch Screen Controller is a complete, easy to integrate, cost-effective and universal touch screen controller chip. The AR1000 Series has sophisticated proprietary touch screen decoding algorithms to process all touch data, saving the host from the processing overhead. Providing filtering capabilities beyond that of other low-cost devices, the AR1000 delivers reliable, vali- dated, and calibrated touch coordinates. Using the on-board EEPROM, the AR1000 can store and independently apply the calibration to the touch coordinates before sending them to the host. This unique combination of features makes the AR1000 the most resource-efficient touch screen controller for system designs, including embedded system integrations. 1.1 Applications The AR1000 Series is designed for high volume, small form factor touch solutions with quick time to market requirements – including, but not limited to: • Mobile communication devices • Personal Digital Assistants (PDA) • Global Positioning Systems (GPS) • Touch Screen Monitors •KIOSK • Media Players • Portable Instruments • Point of Sale Terminals FIGURE 1-1: BLOCK DIAGRAM FIGURE 1-2: PIN DIAGRAM 20 19 18 17 16 15 14 13 12 11 VSS X- X+ 5WSX- Y- Y+ SX+ SDI/SDA/RX NC SCK/SCL/TX 1 2 3 4 5 6 7 8 9 10 VDD M1 SY- M2 WAKE SIQ SY+ SS SDO NC AR1000 Series (SSOP, SOIC) 15 14 13 12 11 X+ 5WSX- Y- Y+ SX+ 1 2 3 4 5 M2 WAKE SIQ SY+ SS AR1000 Series (QFN) |