| 전자부품 데이터시트 검색엔진 |
|
CDB78D73NP-R15MC 데이터시트(PDF) 1 Page - Sumida Corporation |
|
|
|||||||||||||||||||||||||||||
CDB78D73NP-R15MC 데이터시트(HTML) 1 Page - Sumida Corporation |
|
1 / 2 page ![]() Page 1 of 2 Revised: 1-Feb-13 SMD SMD SMD SMD Power Inductor Power Inductor Power Inductor Power Inductor CDB78D73 Description • Ferrite core construction. • Magnetically shielded. • L ×W×H: 10.0×8.0×7.5 mm Max. • Product weight: 11.4g (Ref.) • Moisture Sensitivity Level: 1 • RoHS compliance. Environmental Data • Operating temperature range: -40 ℃~+105℃ (including coil’s self temperature rise) • Storage temperature range: -40 ℃~+105℃ • Solder reflow temperature: 260 ℃ peak. Packaging • Carrier tape and reel packaging. • 13.0”diameter reel • 500pcs per reel Applications • Ideally used in the multiple chopper type DC- DC converters for servers and various decentralized power supplier. RoHS Dimension - [mm] Land pattern and Schematics - [mm] Electrical Characteristics ※1. Inductance measuring condition: at 1MHz. ※2. Saturation current: The value of D.C. current when the inductance decreases to 80% of it’s nominal value. ※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃). 9. 8 +0 .2 -0 .4 7.8 +0.2 -0.3 7.3±0.2 2. 5± 0. 3 a b 2.0 4. 8 3. 0 2.5 4. 4 50.0 55.0 0.33(0.29) 0.15 ±20% R15 CDB78D73NP-R15MC Temperature rise current (A) ※3 Saturation current (A) ※2 (at20 ℃) D.C.R. (m Ω) [Max.] (Typ.) (at 20 ℃) Inductance ( μH) [Within] ※1 Stamp Part No. |
유사한 부품 번호 - CDB78D73NP-R15MC |
|
유사한 설명 - CDB78D73NP-R15MC |