| 전자부품 데이터시트 검색엔진 |
|
HT45FH4M 데이터시트(PDF) 39 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45FH4M 데이터시트(HTML) 39 Page - Holtek Semiconductor Inc |
|
39 / 138 page ![]() Rev. 1.10 �8 �an�a�� 1�� �01� Rev. 1.10 �9 �an�a�� 1�� �01� HT45FH4M Lithium Battery Backup Power ASSP MCU HT45FH4M Lithium Battery Backup Power ASSP MCU SL OW M ode SL E EP M ode ID E L0 M ode ID LE 1 M ode NO RM AL M od e CK S2 ~ C KS0 = 00x B & HL CL K = 0 ID LE N = 0 HA LT i ns t ru ct i on is e xe cu t ed ID LE N = 1, F SYS ON =0 HA LT i ns t ru ct io n is e xe cu t ed ID LE N = 1, F SYSO N= 1 HA LT i ns t ru ct i on is e xe cu t ed NO RM AL M ode SL E EP M ode ID LE 0 M ode ID LE 1 M ode SL OW M od e CK S2 ~C KS0 ¹ 000B , 001B a s HL CL K= 0 or H LC LK =1 ID LE N = 0 HA LT i n st ru ct io n i s ex ec ut ed ID LE N = 1, F SYS ON =0 HA LT i n st ru ct io n i s ex ec ut ed ID LE N = 1, F SYSO N= 1 HA LT i n st ru ct io n i s ex ec ut ed |