전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCT2075TP 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 PCT2075TP
상세설명  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075TP 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button PCT2075TP Datasheet HTML 7Page - NXP Semiconductors PCT2075TP Datasheet HTML 8Page - NXP Semiconductors PCT2075TP Datasheet HTML 9Page - NXP Semiconductors PCT2075TP Datasheet HTML 10Page - NXP Semiconductors PCT2075TP Datasheet HTML 11Page - NXP Semiconductors PCT2075TP Datasheet HTML 12Page - NXP Semiconductors PCT2075TP Datasheet HTML 13Page - NXP Semiconductors PCT2075TP Datasheet HTML 14Page - NXP Semiconductors PCT2075TP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
11 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
7.4.2 Configuration register
The Configuration register (Conf) is a write/read register and contains an 8-bit
non-complement data byte that is used to configure the device for different operation
conditions. Table 10 shows the bit assignments of this register.
7.4.3 Temperature register
The Temperature register (Temp) holds the digital result of temperature measurement or
monitor at the end of each analog-to-digital conversion. This register is read-only and
contains two 8-bit data bytes consisting of one Most Significant Byte (MSByte) and one
Least Significant Byte (LSByte). However, only 11 bits of those two bytes are used to store
the Temp data in two’s complement format with the resolution of 0.125
C. Table 11 shows
the bit arrangement of the Temp data in the data bytes.
When reading register Temp, all 16 bits of the two data bytes (MSByte and LSByte) are
provided to the bus and should be all collected by the controller for a valid temperature
reading. However, only the 11 most significant bits should be used, and the five least
significant bits of the LSByte are zero and should be ignored. One of the ways to calculate
the Temp value in
C from the 11-bit Temp data is:
1. If the Temp data MSByte bit D10 = 0, then the temperature is positive and Temp value
(
C) = +(Temp data)  0.125 C.
2. If the Temp data MSByte bit D10 = 1, then the temperature is negative and
Temp value (
C) = (two’s complement of Temp data)  0.125 C.
Table 10.
Conf register
Legend: * = default value.
Bit
Symbol
Access
Value
Description
B[7:5]
reserved
R/W
000*
reserved for manufacturer’s use; should be kept as
zeroes for normal operation
B[4:3]
OS_F_QUE[1:0] R/W
OS fault queue programming
00*
queue value = 1
01
queue value = 2
10
queue value = 4
11
queue value = 6
B2
OS_POL
R/W
OS polarity selection
0*
OS active LOW
1
OS active HIGH
B1
OS_COMP_INT R/W
OS operation mode selection
0*
OS comparator
1
OS interrupt
B0
SHUTDOWN
R/W
device operation mode selection
0*
normal
1
shutdown
Table 11.
Temp register
MSByte
LSByte
76
54
32
10
76
54
32
10
D10
D9
D8D7
D6D5
D4D3
D2D1D0
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com