| 전자부품 데이터시트 검색엔진 |
|
HT66F24D 데이터시트(PDF) 13 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F24D 데이터시트(HTML) 13 Page - Holtek Semiconductor Inc |
|
13 / 175 page ![]() A/D Flash Type 8-bit MCU with EEPROM HT66F24D/HT66F25D Rev. 1.10 1� �a��� ��� �01� Rev. 1.10 1� �a��� ��� �01� Symbol Parameter Test Conditions Min. Typ. Max. Unit VDD Conditions VIL1 Input Low Voltage fo� I/O Po�ts o� Input Pins — — 0 — 0.�VDD V VIH1 Input Hig� Voltage fo� I/O Po�ts o� Input Pins — — 0.7VDD — VDD V IOL1 I/O Po�t Sink Cu��ent (PA0~PA6� PB0� D0~PD1) �V VOL= 0.1VDD 4 8 — mA �V VOL= 0.1VDD 10 �0 — mA IOH1 I/O Po�t� Sou��e Cu��ent (PA0~PA6� PB0� D0~PD1) �V VOH= 0.9VDD -� -4 — mA �V VOH= 0.9VDD -� -10 — mA IOL� I/O Po�t Sink Cu��ent (PA7� PB1~PB7) �V VOL= 0.1VDD 16 �� — mA �V VOL= 0.1VDD 40 80 — mA IOH� I/O Po�t� Sou��e Cu��ent (PA7� PB1~PB7) �V VOH= 0.9VDD -� -4 — mA �V VOH= 0.9VDD -� -10 — mA IOL� I/O Po�t Sink Cu��ent (PC0~PC7) �V VOL= 0.1VDD 4 8 — mA �V VOL= 0.1VDD 10 �0 — mA IOH� I/O Po�t� Sou��e Cu��ent (PC0~PC7) �V VOH= 0.9VDD -4 -8 — mA �V VOH= 0.9VDD -10 -�0 — mA RPH Pull-�ig� Resistan�e of I/O Po�ts �V — �0 60 100 kΩ �V — 10 �0 �0 kΩ |