| 전자부품 데이터시트 검색엔진 |
|
HT66F25D 데이터시트(PDF) 9 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F25D 데이터시트(HTML) 9 Page - Holtek Semiconductor Inc |
|
9 / 175 page ![]() A/D Flash Type 8-bit MCU with EEPROM HT66F24D/HT66F25D Rev. 1.10 8 �a��� ��� �01� Rev. 1.10 9 �a��� ��� �01� Pin Assignment HT 66F 25D 28 SK DI P- A/ SO P- A LE D 8x8 (S our ce/ Si nk ) PA 0/ TP 0 _1/ AN 0 PA 1/ TP 1B _1/ AN 1 PA 2/ IN T0 /A N2 /V RE F VS S PB 7/ AN 7 PB 6/ AN 6 PB 5/ AN 5 PB 4/ AN 4 PB 3/ AN 3 PB 2/ TP 1A _1 PB 1/ TP 1B _2 PA 7/ TP 0_ 2 PC 0/ [I NT 0] PC 1/ [I NT 1] PB 0/ IN T1 /T CK 1 PA 5/ TP 1A _0/ OS C2 PA 6/ TC K0 /O SC 1 PA 3/ TP 0 _0/ XT 2 PA 4/ TP 1B _0/ XT 1 VD D PD 0 PD 1 PC 7 PC 6 PC 5 PC 4 PC 3 /[T CK 1] PC 2 /[T CK 0] 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 HT 66F 25D 24 SK DI P- A/ SO P- A LE D 8x6 ( So ur ce/ Si nk ) PA 0/ TP 0 _1/ AN 0 PA 1/ TP 1B _1/ AN 1 PA 2/ IN T0 /A N2 /V RE F VS S PB 5/ AN 5 PB 4/ AN 4 PB 3/ AN 3 PB 2/ TP 1A _1 PB 1/ TP 1B _2 PA 7/ TP 0_ 2 PC 0 /[I NT 0] PC 1 /[I NT 1] PB 0/ IN T1 /T CK 1 PA 5/ TP 1A _0/ OS C2 PA 6/ TC K0 /O SC 1 PA 3/ TP 0 _0/ XT 2 PA 4/ TP 1B _0/ XT 1 VD D PC 7 PC 6 PC 5 PC 4 PC 3 /[T CK 1] PC 2 /[T CK 0] 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 HT 66F 25D 20 D IP -A /S OP -A LE D 6 x4 (S our ce/ Si nk ) PA 0/ TP 0 _1/ AN 0 PA 1/ TP 1B _1/ AN 1 PA 2/ IN T0 /A N2 /V RE F VS S PB 3/ AN 3 PB 2/ TP 1A _1 PB 1/ TP 1B _2 PA 7/ TP 0_ 2 PC 0/ [I NT 0] PC 1/ [I NT 1] PB 0/ IN T1 /T CK 1 PA 5/ TP 1A _0/ OS C2 PA 6/ TC K0 /O SC 1 PA 3/ TP 0 _0/ XT 2 PA 4/ TP 1B _0/ XT 1 VD D PC 5 PC 4 PC 3 /[T CK 1] PC 2 /[T CK 0] 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 HT 66F 24D 24 S KDI P- A/ SO P- A LE D 8x6 (S our ce/ Si nk ) PA 0/ TP 0 _1/ AN 0 PA 1/ TP 1 _1/ AN 1 PA 2/ IN T0 /A N2 /V RE F VS S PB 5/ AN 5 PB 4/ AN 4 PB 3/ AN 3 PB 2/ AN 7 PB 1/ TP 1 _2/ AN 6 PA 7/ TP 0_ 2 PC 0/ [I NT 0] PC 1/ [I NT 1] PB 0/ IN T1 /T CK 1 PA 5/ OS C2 PA 6/ TC K0 /O SC 1 PA 3/ TP 0 _0/ XT 2 PA 4/ TP 1 _0/ XT 1 VD D PC 7 PC 6 PC 5 PC 4 PC 3/ [T CK 1] PC 2/ [T CK 0] 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 HT 66F 24D 20 D IP -A /S OP -A LE D 6x4 (S our ce/ Si nk ) PA 0/ TP 0 _1/ AN 0 PA 1/ TP 1 _1/ AN 1 PA 2/ IN T0 /A N2 /V RE F VS S PB 3/ AN 3 PB 2/ AN 7 PB 1/ TP 1 _2/ AN 6 PA 7/ TP 0_ 2 PC 0 /[IN T0 ] PC 1 /[IN T1 ] PB 0/ IN T1 /T CK 1 PA 5/ OS C2 PA 6/ TC K0 /O SC 1 PA 3/ TP 0 _0/ XT 2 PA 4/ TP 1 _0/ XT 1 VD D PC 5 PC 4 PC 3/ [T CK 1] PC 2/ [T CK 0] 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 PB 0/ IN T1 /T CK 1 PA 5/ OS C2 PA 6/ TC K0 /O SC 1 PA 3/ TP 0 _0/ XT 2 PA 4/ TP 1 _0/ XT 1 VD D PC 2/ [T CK 0] PC 1/ [IN T1 ] HT 66F 24D 16 DI P- A/ SO P- A LE D 3x3 (S our ce/ Si nk ) PA 0/ TP 0 _1/ AN 0 PA 1/ TP 1 _1/ AN 1 PA 2/ IN T0 /A N2 /V RE F VS S PB 2/ AN 7 PB 1/ TP 1 _2/ AN 6 PA 7/ TP 0_ 2 PC 0/ [I NT 0] 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 |