전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBJ200 데이터시트(PDF) 1 Page - First Components International

부품명 KBJ200
상세설명  2.0 A Single-Phase Silicon Bridge Rectifier High surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

KBJ200 데이터시트(HTML) 1 Page - First Components International

  KBJ200 Datasheet HTML 1Page - First Components International KBJ200 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Mechanical Data
This series is UL listed under the Recognized
Case : Molded plastic body over passivated junctions
ComponentIndex,filenumberE142814
Terminals : Plated leads solderable per MIL-STD-750,
Plastic package has Underwriters Laboratory
Method 2026
Flammability Classification 94V-0
Polarity : Polarity symbols molded on body
High case dielectric strength of 1500VRMS
Mounting Position : Any(3)
Ideal for printed circuit boards
Mounting Torque : 5 in-lbs max.
High surge current capability
Weight : 0.15 ounce, 4.0 grams (approx)
Maximum Ratings & Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current
TA =25 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Maximum thermal resistance per leg
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
per leg at 2.0A
Maximum DC reverse current at
TA=25 C
rated DC blocking voltage per leg
TA=125 C
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
RejA
RejC
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
2.0(1)
50.0
60
2.6(2)
5 (1)
-55 to + 150
1.1
10
V
V
V
A
A
V
A
2
sec
Notes: (1)Unit case mounted on Al plate heatsink.
(2)Units mounted on P.C.B. with 0.5x0.5"(12x12mm) copper pads and 0.375"(9.5) lead length.
(3)Recommended mounting position is to bolt down on heat sink with silicone thermal compound for
maximum heat transfer with #6 screw.
A
C / W
KBJ
200
KBJ
201
KBJ
202
KBJ
204
KBJ
206
KBJ
208
KBJ
210
KBJ
200
KBJ
201
KBJ
202
KBJ
204
KBJ
206
KBJ
208
KBJ
210
+
4.2
0.2
+
3.4
0.2
+ 0.5
0.40
+
19.6
0.5
+
5.1
0.3
+
_
~ ~
KBJ-2
Dimensions in millimeters(1mm =0.0394inch )
+
13.0
0.3
+ 0.11
+
11.0
0.3
+
2.0
0.4
+
1.8
0.2
+
1.0
0.1
250
Data Sheet
2.0 A Single-Phase
Silicon Bridge Rectifier
Description
Mechanical Dimensions


유사한 부품 번호 - KBJ200

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
KBJ2000 PANJIT-KBJ2000 Datasheet
117Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
KBJ20005 ZSELEC-KBJ20005 Datasheet
101Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
KBJ2001 PANJIT-KBJ2001 Datasheet
117Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ2001 YFWDIODE-KBJ2001 Datasheet
485Kb / 3P
20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
Pan Jit International I...
KBJ2002 PANJIT-KBJ2002 Datasheet
117Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

유사한 설명 - KBJ200

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Rugao Dachang Electroni...
KBJ6A DACHANG-KBJ6A Datasheet
195Kb / 2P
Single-phase Silicon Bridge Rectifier Forward Current 6 A
logo
First Components Intern...
2W005 FCI-2W005_1 Datasheet
67Kb / 1P
2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBJ1000 FCI-KBJ1000 Datasheet
138Kb / 2P
10 Amps Single-Phase Silicon Bridge Rectifiers High surge current capability
KBP200 FCI-KBP200_1 Datasheet
183Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE High surge current capability
logo
Olitech Electronics Co....
2W005A OLITECH-2W005A Datasheet
229Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Gaomi Xinghe Electronic...
KBP2005 GXELECTRONICS-KBP2005 Datasheet
870Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
2W005 YIXIN-2W005 Datasheet
146Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
KBP301 YIXIN-KBP301 Datasheet
127Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
KBPC5006 YFWDIODE-KBPC5006 Datasheet
563Kb / 3P
50A HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com