전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCR03EZPFX1002 데이터시트(PDF) 5 Page - Rohm

부품명 MCR03EZPFX1002
상세설명  Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZPFX1002 데이터시트(HTML) 5 Page - Rohm

  MCR03EZPFX1002 Datasheet HTML 1Page - Rohm MCR03EZPFX1002 Datasheet HTML 2Page - Rohm MCR03EZPFX1002 Datasheet HTML 3Page - Rohm MCR03EZPFX1002 Datasheet HTML 4Page - Rohm MCR03EZPFX1002 Datasheet HTML 5Page - Rohm MCR03EZPFX1002 Datasheet HTML 6Page - Rohm MCR03EZPFX1002 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/6
www.rohm.com
○
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.D
Data Sheet
MCR series < Automotive >
Tape Dimensions
Paper Tape
Embossed Tape
Paper Tape (Narrow pitch taping)
A0
P1
P0
P2
T2
P0
P2
P1
E
F
W
T2
φD0
A0
B0
Base paper
(Bottom tape)
Components
Cavity
Top tape
0.38
±0.03
0.68
±0.03
0.7
±0.1
1.2
±0.1
1.1
±0.1
1.9
±0.1
(Unit : mm)
W
Type Code
Part No.
F
E
A0
B0
8.0
±0.2
MCR006
YZP
3.5
±0.05
1.75
±0.1
8.0
±0.3
MCR01
MZP
3.5
±0.05
1.75
±0.1
8.0
±0.3
MCR03
EZP
3.5
±0.05
1.75
±0.1
8.0
±0.3
MCR10
EZP
3.5
±0.05
1.75
±0.1
8.0
±0.3
MCR18
EZP
3.5
±0.05
1.75
±0.1
φ1.5 +
0.1
0
1.65 +
0.2
−0.1
2.4 +
0.2
−0.1
3.5 +
0.15
−0.05
1.95 +
0.1
−0.05
φ1.5 +
0.1
0
φ1.5 +
0.1
0
φ1.5 +
0.1
0
φ1.5 +
0.1
0
2.0
±0.05
Max 0.5
2.0
±0.05
2.0
±0.05
2.0
±0.05
2.0
±0.05
Max 1.1
Max 1.1
Max 1.1
Max 1.1
D0
Type Code
Part No.
P0
P1
P2
T2
4.0
±0.1
4.0
±0.1
4.0
±0.1
4.0
±0.1
4.0
±0.1
MCR006
YZP
2.0
±0.05
MCR01
MZP
2.0
±0.05
MCR03
EZP
4.0
±0.1
MCR10
EZP
4.0
±0.1
MCR18
EZP
MZP
4.0
±0.1
3.0
±0.1
3.5
±0.1
3.4
±0.2
5.6
±0.2
3.5
±0.2
6.7
±0.2
(Unit : mm)
W
Type Code
Part No.
F
E
A0
B0
8.0
±0.3
MCR25
JZH
3.5
±0.05
1.75
±0.1
12
±0.3
MCR50
JZH
5.5
±0.05
1.75
±0.1
12
±0.3
MCR100
JZH
5.5
±0.05
1.75
±0.1
φ1.5 +
0.1
0
φ1.5 +
0.1
0
φ1.5 +
0.1
0
2.0
±0.05
Max 1.1
2.0
±0.05
2.0
±0.05
Max 1.1
Max 1.1
D0
Type Code
Part No.
P0
P1
P2
T2
4.0
±0.1
4.0
±0.1
4.0
±0.1
MCR25
JZH
4.0
±0.1
MCR50
JZH
4.0
±0.1
MCR100
JZH
4.0
±0.1
P0
P2
E
F
W
A0
B0
Base paper
(Bottom tape)
Components
Cavity
Top tape
P1
T2
1.1
±0.1
1.9
±0.1
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0
±0.3
MCR03
3.5
±0.05
1.75
±0.1
2.0
±0.05
Max 1.1
4.0
±0.1
2.0
±0.5
φ1.5 +
0.1
0
Type Code
Part No.



Html Pages

1 2 3 4 5 6 7