| 전자부품 데이터시트 검색엔진 |
|
CDCM7005RGZRG4 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCM7005RGZRG4 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 45 page ![]() CDCM7005 www.ti.com SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013 Word 3 PIN AFFECTED BIT POWER UP BIT DESCRIPTION/FUNCTION NAME CONDITION BGA QFN 0 Register selection 1 1 Register selection 1 2 LOCKW 0 Lock Window Lock-detect window Bit 0 1 A8 25 3 LOCKW 1 Lock-detect window Bit 1 0 A8 25 4 LOCKC0 Lock Cycles Number of coherent lock events Bit 0 0 A8 25 5 LOCKC1 Number of coherent lock events Bit 1 1 A8 25 Frequency offset mode only for out-of-lock detection 6 FOFF Frequency Offset 0 A8 25 on [1] or off [0](1) 7 RES RESERVED 0 RES RES 8 RES RESERVED 0 RES RES 9 HOLDF HOLD Function Enables the frequency hold-over function on [1], off [0] 0 10 RESERVED 0 RES RES HOLD function always activated [1];(2) Triggered by analog PLL lock detect outputs [0] (if HOLD Trigger 11 HOLDTR analog PLL Lock signal is set then HOLD is activated; 0 Condition if analog PLL lock signal is reset then HOLD is de- activated). 12 RES RESERVED 0 RES RES 13 RES RESERVED 0 RES RES 14 RES RESERVED 0 RES RES 15 RES RESERVED 0 RES RES 16 GTME General Test Mode Enable. Test Mode is only 0 enabled if this bit is set to 1. 17 RES RESERVED 0 RES RES 18 RES RESERVED 0 RES RES 19 RES RESERVED 0 RES RES 20 RES RESERVED 0 RES RES 21 RES RESERVED 0 RES RES 22 RES RESERVED 0 RES RES 23 RES RESERVED 0 RES RES 24 RES RESERVED 0 RES RES 25 RES RESERVED 0 RES RES 26 RES RESERVED 0 RES RES 27 RES RESERVED 0 RES RES 28 PFDFC PFD Frequency Control. Data provided to the PFD 0 D8 22 are feed through to the corresponding STATUS pins(3) 29 RES RESERVED 0 RES RES 30 RES RESERVED 0 RES RES 31 RES RESERVED 0 RES RES (1) If Frequency offset mode only for out-of-lock detection is on, the selected lock detect window is valid for lock detect. Independent from this, out of lock is valid if a frequency offset is detected. (2) HOLD function always activated is recommended for test purposes only. (3) The maximum frequency for the STATUS_VCXO pin is 100 MHz. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links :CDCM7005 |