| 전자부품 데이터시트 검색엔진 |
|
LM317S/NOPB 데이터시트(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM317S/NOPB 데이터시트(HTML) 26 Page - Texas Instruments |
|
26 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM117H ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -55 to 125 LM117HP+ LM117H/NOPB ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -55 to 125 LM117HP+ LM117K ACTIVE TO-3 NDS 2 50 TBD Call TI Call TI -55 to 125 LM117K STEELP+ LM117K STEEL ACTIVE TO-3 NDS 2 50 TBD Call TI Call TI -55 to 125 LM117K STEELP+ LM117K STEEL/NOPB ACTIVE TO-3 NDS 2 50 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -55 to 125 LM117K STEELP+ LM317AEMP ACTIVE SOT-223 DCY 4 1000 TBD Call TI Call TI -40 to 125 N07A LM317AEMP/NOPB ACTIVE SOT-223 DCY 4 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 N07A LM317AEMPX ACTIVE SOT-223 DCY 4 2000 TBD Call TI Call TI N07A LM317AEMPX/NOPB ACTIVE SOT-223 DCY 4 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 N07A LM317AH ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -40 to 125 LM317AHP+ LM317AH/NOPB ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -40 to 125 LM317AHP+ LM317AMDT ACTIVE TO-252 NDP 3 75 TBD Call TI Call TI -40 to 125 LM317 AMDT LM317AMDT/NOPB ACTIVE TO-252 NDP 3 75 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 LM317 AMDT LM317AMDTX ACTIVE TO-252 NDP 3 2500 TBD Call TI Call TI -40 to 125 LM317 AMDT LM317AMDTX/NOPB ACTIVE TO-252 NDP 3 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 LM317 AMDT LM317AT ACTIVE TO-220 NDE 3 45 TBD Call TI Call TI -40 to 125 LM317AT P+ LM317AT/NOPB ACTIVE TO-220 NDE 3 45 Pb-Free (RoHS Exempt) CU SN Level-1-NA-UNLIM -40 to 125 LM317AT P+ LM317EMP ACTIVE SOT-223 DCY 4 1000 TBD Call TI Call TI 0 to 125 N01A |