전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1716E/2KG4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 PCM1716E/2KG4
상세설명  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1716E/2KG4 데이터시트(HTML) 2 Page - Texas Instruments

  PCM1716E/2KG4 Datasheet HTML 1Page - Texas Instruments PCM1716E/2KG4 Datasheet HTML 2Page - Texas Instruments PCM1716E/2KG4 Datasheet HTML 3Page - Texas Instruments PCM1716E/2KG4 Datasheet HTML 4Page - Texas Instruments PCM1716E/2KG4 Datasheet HTML 5Page - Texas Instruments PCM1716E/2KG4 Datasheet HTML 6Page - Texas Instruments PCM1716E/2KG4 Datasheet HTML 7Page - Texas Instruments PCM1716E/2KG4 Datasheet HTML 8Page - Texas Instruments PCM1716E/2KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
®
2
PCM1716
SPECIFICATIONS
All specifications at +25
°C, +V
CC = +VDD = +5V, fS = 44.1kHz, and 24-bit input data, SYSCLK = 384fS, unless otherwise noted.
PCM1716
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
DATA FORMAT
Audio Data Interface Format
Standard/I2S
Data Bit Length
16/20/24 Selectable
Audio Data Format
MSB First, 2’s Comp
Sampling Frequency (fS)
16
96
kHz
System Clock Frequency(1)
256/384/512/768fS
DIGITAL INPUT/OUTPUT LOGIC LEVEL
Input Logic Level
VIH
2.0
V
VIL
0.8
V
Output Logic Level (CLKO) VOH
IOH = 2mA
4.5
V
VOL
IOL = 4mA
0.5
V
CLKO PERFORMANCE(2)
Output Rise Time
20 ~ 80% VDD, 10pF
5.5
ns
Output Fall Time
80 ~ 20% VDD, 10pF
4
ns
Output Duty Cycle
10pF Load
37
%
DYNAMIC PERFORMANCE(3) (24-Bit Data)
THD+N
VO = 0dB
fS = 44.1kHz
–97
–90
dB
fS = 96kHz
–94
dB
VO = –60dB
fS = 44.1kHz
–42
dB
Dynamic Range
fS =44.1kHz EIAJ A-weighted
98
106
dB
fS = 96kHz A-weighted
103
dB
Signal-to-Noise Ratio(4)
fS =44.1kHz EIAJ A-weighted
98
106
dB
fS = 96kHz A-weighted
103
dB
Channel Separation
fS = 44.1kHz
96
102
dB
fS = 96kHz
101
dB
DYNAMIC PERFORMANCE(3) (16-Bit Data)
THD+N
VO = 0dB
fS = 44.1kHz
–94
dB
fS = 96kHz
–92
dB
Dynamic Range
fS = 44.1kHz EIAJ A-weighted
98
dB
fS = 96kHz A-weighted
97
dB
DC ACCURACY
Gain Error
±1.0
±3.0
% of FSR
Gain Mismatch: Channel-to-Channel
±1.0
±3.0
% of FSR
Bipolar Zero Error
VO = 0.5VCC at Bipolar Zero
±30
±60
mV
ANALOG OUTPUT
Output Voltage
Full Scale (0dB)
0.62 VCC
Vp-p
Center Voltage
0.5 VCC
V
Load Impedance
AC Load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Filter Characteristics 1
(Sharp Roll-Off)
Passband
±0.002dB
0.454fS
–3dB
0.490fS
Stopband
0.546fS
Passband Ripple
±0.002
dB
Stopband Attenuation
Stop Band = 0.546fS
–75
dB
Stop Band = 0.567fS
–82
dB
Filter Characteristics 2
(Slow Roll-Off)
Passband
±0.002dB
0.274fS
–3dB
0.454fS
Stopband
0.732fS
Passband Ripple
±0.002
dB
Stopband Attenuation
Stopband = 0.732fS
–82
dB
Delay Time
30/fS
sec
De-emphasis Error
±0.1
dB
INTERNAL ANALOG FILTER
–3dB Bandwidth
100
kHz
Passband Response
f = 20kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
VDD, VCC
4.5
5
5.5
VDC
Supply Current: ICC +IDD
fS = 44.1kHz
32
45
mA
fS = 96kHz
45
mA
Power Dissipation
fS = 44.1kHz
160
225
mW
fS = 96kHz
225
mW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+100
°C
NOTES: (1) Refer section of system clock. (2) External buffer is recommended. (3) Dynamic performance specs are tested with 20kHz low pass filter and THD+N
specs are tested with 30kHz LPF, 400Hz HPF, Average Mode. (4) SNR is tested at internally infinity zero detection off.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com