| 전자부품 데이터시트 검색엔진 |
|
STM32L151CB 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CB 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Pin descriptions Doc ID 17659 Rev 8 37/121 25 16 F3 K3 12 PA2 I/O FT PA2 USART2_TX/ADC_IN2/TIM2_CH3/TIM9_CH1/ LCD_SEG1/COMP1_INP 26 17 G3 L3 13 PA3 I/O PA3 USART2_RX/ADC_IN3/TIM2_CH4/TIM9_CH2/ LCD_SEG2/COMP1_INP 27 18 C2 E3 - VSS_4 SVSS_4 28 19 D2 H3 - VDD_4 SVDD_4 29 20 H3 M3 14 PA4 I/O PA4 SPI1_NSS/USART2_CK/ ADC_IN4/DAC_OUT1/COMP1_INP 30 21 F4 K4 15 PA5 I/O PA5 SPI1_SCK/ADC_IN5/ DAC_OUT2/TIM2_CH1_ETR/COMP1_INP 31 22 G4 L4 16 PA6 I/O FT PA6 SPI1_MISO/ADC_IN6/TIM3_CH1/ LCD_SEG3/TIM10_CH1/COMP1_INP 32 23 H4 M4 17 PA7 I/O FT PA7 SPI1_MOSI/ADC_IN7/TIM3_CH2/ LCD_SEG4/TIM11_CH1/COMP1_INP 33 24 H5 K5 - PC4 I/O FT PC4 ADC_IN14/LCD_SEG22/COMP1_INP 34 25 H6 L5 - PC5 I/O FT PC5 ADC_IN15/LCD_SEG23/COMP1_INP 35 26 F5 M5 18 PB0 I/O PB0 ADC_IN8/TIM3_CH3/LCD_SEG5/ COMP1_INP/VREF_OUT 36 27 G5 M6 19 PB1 I/O FT PB1 ADC_IN9/TIM3_CH4/LCD_SEG6/ COMP1_INP/VREF_OUT 37 28 G6 L6 20 PB2 I/O FT PB2/BOOT1 38 - - M7 - PE7 I/O PE7 ADC_IN22/COMP1_INP 39 - - L7 - PE8 I/O PE8 ADC_IN23/COMP1_INP 40 - - M8 - PE9 I/O PE9 ADC_IN24/TIM2_CH1_ETR/COMP1_INP 41 - - L8 - PE10 I/O PE10 ADC_IN25/TIM2_CH2/COMP1_INP 42 - - M9 - PE11 I/O FT PE11 TIM2_CH3 43 - - L9 - PE12 I/O FT PE12 TIM2_CH4/SPI1_NSS 44 - - M10 - PE13 I/O FT PE13 SPI1_SCK 45 - - M11 - PE14 I/O FT PE14 SPI1_MISO 46 - - M12 - PE15 I/O FT PE15 SPI1_MOSI 47 29 G7 L10 21 PB10 I/O FT PB10 I2C2_SCL/USART3_TX/TIM2_CH3/LCD_SEG10 48 30 H7 L11 22 PB11 I/O FT PB11 I2C2_SDA/USART3_RX/TIM2_CH4/LCD_SEG11 Table 9. STM32L15xxx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions |