전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL783CKC 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TL783CKC
상세설명  HIGH-VOLTAGE ADJUSTABLE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL783CKC 데이터시트(HTML) 2 Page - Texas Instruments

  TL783CKC Datasheet HTML 1Page - Texas Instruments TL783CKC Datasheet HTML 2Page - Texas Instruments TL783CKC Datasheet HTML 3Page - Texas Instruments TL783CKC Datasheet HTML 4Page - Texas Instruments TL783CKC Datasheet HTML 5Page - Texas Instruments TL783CKC Datasheet HTML 6Page - Texas Instruments TL783CKC Datasheet HTML 7Page - Texas Instruments TL783CKC Datasheet HTML 8Page - Texas Instruments TL783CKC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
+
−
Protection
Circuit
OUT
IN
Vref
R1
R2
VO
VI
Error
Amplifier
ADJ
V
O [ Vref 1 )
R2
R1
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
TL783
SLVS036M – SEPTEMBER 1981 – REVISED APRIL 2008 ............................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAM
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
Vl – VO
Input-to-output differential voltage
125
V
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JC
θ
JP
(2)
θ
JA
PowerFLEX (KTE)
High K, JESD 51-5
2.7
°C/W
23
°C/W
TO-263 (KTT)
High K, JESD 51-5
18
°C/W
1.94
°C/W
25.3
°C/W
TO-220 (KC)
High K, JESD 51-5
17
°C/W
3
°C/W
19
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variations in
individual device electrical characteristics and thermal resistance, the built-in thermal overload protection may be activated at power
levels slightly above or below the rated dissipation.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, or PowerFLEX,
θ
JP is defined as the thermal resistance between
the die junction and the bottom of the exposed pad.
MIN
MAX
UNIT
Vl – VO
Input-to-output differential voltage
125
V
IO
Output current
15
700
mA
TJ
Operating virtual junction temperature
0
125
°C
2
Submit Documentation Feedback
Copyright © 1981–2008, Texas Instruments Incorporated
Product Folder Link(s): TL783



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com