전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC393IPE4 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC393IPE4
상세설명  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC393IPE4 데이터시트(HTML) 17 Page - Texas Instruments

Back Button TLC393IPE4 Datasheet HTML 13Page - Texas Instruments TLC393IPE4 Datasheet HTML 14Page - Texas Instruments TLC393IPE4 Datasheet HTML 15Page - Texas Instruments TLC393IPE4 Datasheet HTML 16Page - Texas Instruments TLC393IPE4 Datasheet HTML 17Page - Texas Instruments TLC393IPE4 Datasheet HTML 18Page - Texas Instruments TLC393IPE4 Datasheet HTML 19Page - Texas Instruments TLC393IPE4 Datasheet HTML 20Page - Texas Instruments TLC393IPE4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
−
+
22 k
Ω
C1
0.01
µF
(see Note A)
1/2 TLC393
R1
100
Ω
(see Note B)
100 k
Ω
1/2 TLC393
2OUT
−
+
−
+
1/2 TLC393
100 k
Ω
100 k
Ω
12 V
1OUT
12 V
R2
5 k
Ω
(see Note C)
R3
100 k
Ω
(see Note B)
2OUT
1OUT
12 V
5.1 k
Ω
12 V
5.1 k
Ω
12 V
5.1 k
Ω
NOTES: A. Adjust C1 for a change in oscillator frequency where:
1/f = 1.85(100 k
Ω)C1
B. Adjust R1 and R3 to change duty cycle
C. Adjust R2 to change deadtime
Figure 21. Two-Phase Nonoverlapping Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com