전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC393IPWLE 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TLC393IPWLE
상세설명  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC393IPWLE 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TLC393IPWLE Datasheet HTML 5Page - Texas Instruments TLC393IPWLE Datasheet HTML 6Page - Texas Instruments TLC393IPWLE Datasheet HTML 7Page - Texas Instruments TLC393IPWLE Datasheet HTML 8Page - Texas Instruments TLC393IPWLE Datasheet HTML 9Page - Texas Instruments TLC393IPWLE Datasheet HTML 10Page - Texas Instruments TLC393IPWLE Datasheet HTML 11Page - Texas Instruments TLC393IPWLE Datasheet HTML 12Page - Texas Instruments TLC393IPWLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Propagation delay time is defined as the interval between the application of an input step function and the instant
when the output reaches 50% of its maximum value. Propagation delay time, low-to-high-level output, is
measured from the leading edge of the input pulse, while propagation delay time, high-to-low-level output, is
measured from the trailing edge of the input pulse. Propagation delay time measurement at low input signal
levels can be greatly affected by the input offset voltage. The offset voltage should be balanced by the
adjustment at the inverting input (as shown in Figure 3) so that the circuit is just at the transition point. Then a
low signal, for example, 105 mV or 5 mV overdrive, causes the output to change state.
DUT
VDD
CL
(see Note A)
Pulse
Generator
10
Ω
10 Turn
1 V
− 1 V
1 k
Ω
50
Ω
1
µF
0.1
µF
TEST CIRCUIT
100 mV
Input
Overdrive
50%
tPLH
100 mV
Input
Overdrive
90%
50%
10%
tf
tPHL
Low-to-High-
Level Output
High-to-Low-
Level Output
VOLTAGE WAVEFORMS
5.1 k
Ω
Input Offset Voltage
Compensation
Adjustment
90%
tr
10%
NOTE A: CL includes probe and jig capacitance.
Figure 3. Propagation Delay, Rise Time, and Fall Time Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com